Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HCT74-1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HCT74-1
Description  DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT74-1 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HCT74-1 Datasheet HTML 1Page - STMicroelectronics M74HCT74-1 Datasheet HTML 2Page - STMicroelectronics M74HCT74-1 Datasheet HTML 3Page - STMicroelectronics M74HCT74-1 Datasheet HTML 4Page - STMicroelectronics M74HCT74-1 Datasheet HTML 5Page - STMicroelectronics M74HCT74-1 Datasheet HTML 6Page - STMicroelectronics M74HCT74-1 Datasheet HTML 7Page - STMicroelectronics M74HCT74-1 Datasheet HTML 8Page - STMicroelectronics M74HCT74-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M74HCT74
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1,13
1CLR, 2CLR
Asynchronous Reset -
Direct Input
2, 12
1D, 2D
Data Inputs
3, 11
1CK, 2CK
Clock Input
(LOW-to-HIGH,
Edge-Triggered)
4, 10
1PR, 2PR
Asynchronous Set - Direct
Input
5, 9
1Q, 2Q
True Flip-Flop Outputs
6, 8
1Q, 2Q
Complement Flip-Flop
Outputs
7
GND
Ground (0V)
14
Vcc
Positive Supply Voltage
INPUTS
OUTPUTS
FUNCTION
CLR
PR
DCK
Q
Q
L
H
X
X
L
H
CLEAR
H
L
X
X
H
L
PRESET
L
L
X
X
H
H
----
H
H
L
L
H
----
H
H
H
H
L
----
HH
X
Qn
Qn
NO CHANGE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com