Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD-JTLPS1-14 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GD-JTLPS1-14
Description  DURIS® E 2835
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GD-JTLPS1-14 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GD-JTLPS1-14 Datasheet HTML 2Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 3Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 4Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 5Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 6Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 7Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 8Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 9Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
GD JTLPS1.14
DATASHEET
DATASHEET
6 | Version 1.4 | 2023-02-23
Brightness Groups
Group Total radiant
flux 1)
Total radiant
flux 1)
PPF *
PPF *
PPF/W *
PF **
PF **
PF/W **
I
F = 150 mA
I
F = 150 mA
min.
max.
min.
max.
typ.
min.
max.
typ.
Φ
E
Φ
E
Φ
p
Φ
p
Φ
p,b
Φ
p,b
MF
270 mW
280 mW
1.01
µmol/s
1.05
µmol/s
2.33
µmol/J
1.02
µmol/s
1.06
µmol/s
2.35
µmol/J
N1
280 mW
290 mW
1.05
µmol/s
1.09
µmol/s
2.42
µmol/J
1.06
µmol/s
1.09
µmol/s
2.43
µmol/J
N2
290 mW
300 mW
1.09
µmol/s
1.12
µmol/s
2.50
µmol/J
1.09
µmol/s
1.13
µmol/s
2.51
µmol/J
N3
300 mW
310 mW
1.12
µmol/s
1.16
µmol/s
2.58
µmol/J
1.13
µmol/s
1.17
µmol/s
2.60
µmol/J
N4
310 mW
320 mW
1.16
µmol/s
1.20
µmol/s
2.67
µmol/J
1.17
µmol/s
1.21
µmol/s
2.69
µmol/J
N5
320 mW
330 mW
1.20
µmol/s
1.24
µmol/s
2.76
µmol/J
1.21
µmol/s
1.24
µmol/s
2.77
µmol/J
N6
330 mW
340 mW
1.24
µmol/s
1.27
µmol/s
2.84
µmol/J
1.24
µmol/s
1.28
µmol/s
2.85
µmol/J
N7
340 mW
350 mW
1.27
µmol/s
1.31
µmol/s
2.92
µmol/J
1.28
µmol/s
1.32
µmol/s
2.94
µmol/J
N8
350 mW
360 mW
1.31
µmol/s
1.35
µmol/s
3.01
µmol/J
1.32
µmol/s
1.36
µmol/s
3.03
µmol/J
Note: [*] Photosynthetic Photon Flux includes wavelengths between 400 and 700 nm
Note: [**] Photon Flux includes wavelengths between 280 and 800 nm
Note: PPF and PF values are for reference only
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
I
F = 150 mA
I
F = 150 mA
min.
max.
V
F
V
F
L1
2.8 V
2.9 V
L2
2.9 V
3.0 V
M1
3.0 V
3.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com