Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GF-PUSRA2-25 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GF-PUSRA2-25
Description  OSCONIQ® P 3737 (2W)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GF-PUSRA2-25 Datasheet(HTML) 2 Page - ams-OSRAM AG

  GF-PUSRA2-25 Datasheet HTML 1Page - ams-OSRAM AG GF-PUSRA2-25 Datasheet HTML 2Page - ams-OSRAM AG GF-PUSRA2-25 Datasheet HTML 3Page - ams-OSRAM AG GF-PUSRA2-25 Datasheet HTML 4Page - ams-OSRAM AG GF-PUSRA2-25 Datasheet HTML 5Page - ams-OSRAM AG GF-PUSRA2-25 Datasheet HTML 6Page - ams-OSRAM AG GF-PUSRA2-25 Datasheet HTML 7Page - ams-OSRAM AG GF-PUSRA2-25 Datasheet HTML 8Page - ams-OSRAM AG GF-PUSRA2-25 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GF PUSRA2.25
DATASHEET
DATASHEET
2 | Version 1.0 | 2024-08-30
OSCONIQ® P 3737 (2W)
GF PUSRA2.25
High-power LED with our ams OSRAM’s latest chip technology,
delivering industry leading performance, superior robustness
and long lifetime. With the introduction of a new color
(Red 640 nm) the family offers five colors for ease of design
and high flexibility for all your horticulture spectrum needs.
The OSCONIQ® P 3737 family offers Hyper Red (660 nm), Red
(640nm), Deep Blue (450 nm), Far Red (730 nm) and Horti
White which can cater to both narrow spectrum and full
spectrum solutions to meet all crop needs for both greenhouses
and vertical farms.
Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMD epoxy package with silicone lens
- Typ. Radiation: 120°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux (@ 700mA): typ. 941 mW @ 25°C; typ. 885 mW @ 85°C
- Radiant Efficiency (@ 700mA): typ. 76.8% @ 25°C; typ. 74.8% @ 85°C
- Photon Flux (@ 700mA): typ. 5.70 μmol/s @ 25°C; typ. 5.42 μmol/s @ 85°C
- Photon Flux Efficacy (@ 700mA): typ. 4.66 µmol/J @ 25°C; typ. 4.58 µmol/J @ 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com