Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD14 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD14
Description  Multicolor Images of Hidden Materials with Interferometry Using THz QCLs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD14 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD14 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD14 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD14 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD14 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD14 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LD13 Rev. A
Page 2
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
even small powers of several pW can be detected, ensuring
the detection of intrinsically weak scattered signals that THz
interactions can produce. Most SM QCL systems operate
in a single longitudinal mode or scans within the range of
a few GHz due to the complexity of SM interference theory
and the performance limit of the laser. This risks losing the
'fingerprint' spectra of THz waves used for analyzing and
identifying unknown materials.1
A highly sensitive and accurate method is essential for
applications detecting and inspecting hidden trace residue.
With the right technique, multiple unknown substances can
be identified with a simplified and fast spectroscopy system
utilizing a special self-mixing design.
METHOD
Researchers from Beijing, China and Leeds, UK, have
developed a self-mixing (SM) interferometry system
using terahertz (THz) quantum cascade lasers (QCLs)
for multicolor imaging of hidden substances in opaque
objects. In this design, three THz QCLs are used at different
frequencies to obtain multicolor images of a tiny amount of
powder inside a polytetrafluoroethylene (PTFE) tablet. With
multiple lasers at different frequencies in the THz region,
spectroscopic characterizations of the substances can be
obtained.
SM interferometry has high sensitivity and, paired with
the THz QCLs, has advantageous penetrability from the
THz waves to achieve spatial differentiation and material
identification of hidden matter. If the target subject is treated
as a reflector, a three-mirror model can be established using
Figure 1. SM interference principle and optical path diagram. (a) SM interference three-mirror model; (b) SM interference
detection diagram. DAQ: data acquisition, PC: personal computer, OAP: off-axis parabolic reflector; (c) experimental
device photo.1
the target and the end faces of the laser.
Figure 1 shows
the SM principle and experimental device. The relationship
between the dynamic parameters of the laser and the
external target can be obtained by studying the effects of
the external feedback light on the dynamic stability of the
laser.1 Because the laser effectively changes due to optical
feedback, it is critical that the baseline stability of the laser
remains constant.
When light interacts with external objects, the amplitude
and phase of the SM signal shift. For the complete SM
waveform, the interference must be modulated to obtain
this amplitude and phase. Although traditional models
modulate the SM interference by changing the optical
path length, here researchers change the laser's lasing
frequency to avoid limits due to mechanical movement
speed. This modulation can be achieved by adjusting the
refractive index of the laser itself by changing the excitation
current of the laser.
In this research, three THz QCLs are used with center
frequencies of 2.5 THz, 3.3 THz, and 4.2 THz. They are
placed in a helium-flow cryostat and run at 30 K, 45 K, and
30 K, respectively.
Figure 2 shows the periodic oscillations
of each laser as the current increases, including changes
in amplitude and width of the periodic signal in some cases
due to mode hopping. Because the power of the QCLs
increases as the drive current increases, the intensity of
the re-injected field back into the laser cavity will change.
As the QCLs stabilize in new states amplitude changes and
mode jumps are manifested in the SM interference signals.
The current modulation ranges for the three THz QCLs to
obtain sinusoidal-like periodic SM signal are 0.62-0.67 A,
0.73-0.85 A, and 0.55-0.62 A.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com