Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC11 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LDTC11
Description  Deployable Scintillometer for Ocean Turbulence Using Superluminescent LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC11 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LDTC11 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC11 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC11 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC11 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC11 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-LDTC11 Datasheet HTML 6Page - Wavelength Electronics, Inc. CS-LDTC11 Datasheet HTML 7Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Case Study CS-LDTC11 Rev. A
Page 2
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
There have only been a few experiments to measure
optical turbulence in the ocean, specifically quantifying
the refractive-index structure parameter, C
n
2
. The effects
of turbulence on laser beam propagation was investigated
with a 8.75 m laser, revealing a C
n
2
range of 1 x 10-14 m-2/3 to
1 x 10-10 m-2/3.2 However, because of the long laser path,
the system as well as other long path systems, requires
significant infrastructure and personnel to develop and
deploy.1 The long path design is not ideal for simple
deployment with a portable design. Other smaller and more
portable designs have measured temperature variance
dissipation in the ocean, but did not quantify optical
turbulence directly.
Experiments and simulations in labs have verified the
degrading effects ocean turbulence has on optical
communication, especially high-data-rate communication.
In-situ awareness of optical conditions is needed so
imaging operators have the ability to anticipate or quantify
ocean turbulence conditions.
METHOD
Researchers from the Naval Information Warfare Center
Pacific (U.S.) and the University of Central Florida have
designed and developed new algorithms and a portable
scintillometer to characterize ocean turbulence for imaging
and free-space optical communication applications.1 The
design of the scintillometer is based on a divergent optical
beam and two photodetectors of different sizes.
Typically, laser sources are used for measuring optical
turbulence in atmosphere and ocean. However, non-laser
sources, such as light emitting diodes (LEDs) can be a
viable source when coupled with spatial filtering to provided
the necessary coherence. By using a superluminescent
light emitting diode (SLED), the source can maintain
coherence, low power usage, and increase system safety
for the operator. The blue SLED emits 450 nm wavelength,
5 nm bandwidth, and 10 mW maximum optical power
output. To further test the SLED against a typical laser
diode source, both light sources were tested for turbulence
imaging in
Figure 2. As depicted in the images, both light
sources were successful, verifying the implementation of
the SLED source in the portable scintillometer design.
Many scintillometers use discrete photodiodes for
turbulence detection. Although these provide the simplest
solution for detecting light, they cannot be adjusted. In
this turbulence experiment, researchers use camera-
based pixel arrays that allow the user to numerically
define spacing or detection regions as well as the relative
size of each region.1 The camera has a total sensor size
of 11.3 mm x 7.0 mm, 2.3 megapixels, 4.5 W max power
consumption, and 5.86 µm pixels in a 1920 x 1200 array.
Figure 2. Lab experiments of turbulence imaging
using (i) a green 520-nm laser diode as a control test (left
panel) and (ii) the spatially filtered blue 450-nm SLED
source (right panel).1
The frame rate was increased to 1 kHz by reducing the
number of active rows from 1200 down to 150. The two
different sized detectors or aperture windows have the
following sizes: 150 x 150 pixels (0.88 mm x 0.88 mm) for
the large aperture and 30 x 30 pixels (0.18 mm x 0.18 mm)
for the small aperture. The final detector spacing was
10.7 mm by arranging the two arrays at opposite ends of
the camera sensor.
By using two different sized detectors, multiple parameters
of ocean turbulence can be measured. The smaller
detector can be used to find the ℓ
0 parameter. The larger
detector can be used to measure the scintillation index
(SI). From this measurement, using the Weak Fluctuation
Theory, the C
n
2
parameter can be estimated. Researchers
theorized extending atmospheric propagation calculations
to ocean applications by substituting the appropriate mean
refractive index value for seawater. For this theory to be
valid, the resulting range of validity for C
n
2
is approximately
1 x 10-11 m-2/3 (lower turbulence) to 1 x 10-9 m-2/3 (higher
turbulence).
The small size, low weight, low power consumption, hand-
deployable design consists of the transmitter (Tx) and
receiver (Rx) housing. The Tx assembly contained the
SLED, mounts, opto-mechanics, drivers, and temperature
controller. The Rx assembly contained the camera with
two different apertures, filters, and a single-board computer
for data acquisition and storage. Both Tx and Rx are
powered by a battery module that contains two independent
channels. Testing revealed the battery housing delivers 40
hours of continuous operation to the SLED transmitter and
4.5 hours of continuous operation to the camera receiver.
Although vastly different, the receiver operation and battery
life times met all requirements.1 The complete portable
setup can be seen in
Figure 3.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com