Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC15 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LDTC15
Description  Laser Light Absorption by Atmospheric Oxygen for 3D Imaging
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC15 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LDTC15 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC15 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC15 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC15 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC15 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LDTC15 Rev. A
Page 2
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
METHOD
Researchers  from  the  VTT  Technical  Research  Centre  of 
Finland have developed a 3D camera based on laser light
absorption utilizing atmospheric oxygen absorption lines at
761 nm. Ranging systems have previously been designed
using light absorption, however, using atmospheric
absorption for 3D imaging is a novel proposal for imaging
and camera applications. Typically, distributed feedback
lasers (DFBs) are used to probe the absorption lines of
the desired chemical compound or element. The imaging
sensor or complementary metal-oxide-semiconductor
(CMOS) imager and the laser are both readily available and 
mass-producible.1 The diagram of the 3D camera prototype
can be seen in
Figure 2.
Figure 2. a) Block diagram of the 3D camera prototype.
uC = microcontroller, LDD = laser diode driver,
DFB = distributed feedback laser, BPF = band pass
filter, L = lens, CMOS = complementary metal-oxide-
semiconductor imager, B1 = diverging laser output
beam, B2 = light reflected from an object. The light
beam is attenuated by molecular oxygen. b) Figure of
the prototype in aluminum enclosure, showing the laser
output and the camera objective.1
An Arduino microcontroller and the laser diode driver
(LDTC0520)
from
Wavelength
Electronics
control
and adjust the laser current and can vary the emitted
wavelength to scan the absorption lines or further tune
the center wavelength of the DFB laser. The laser
temperature is also stabilized with a temperature controller
to  ensure  the  temperature  and  wavelength  are  fixed. The 
DFB laser output was 30 mW for the research and has a
specified  linewidth  of  less  than  10  MHz,  which  is  critical 
for atmospheric absorption spectroscopy of this nature.
The  CMOS  camera  has  a  resolution  of  484  x366  pixels 
and  reads  the  reflected  signal  from  the  divergent  (6  x  26 
degrees) laser output to create an image.1
Atmospheric oxygen is chosen for its stable concentration
and the ability to use low-cost silicon-based imaging
sensors. Many absorption lines are viable for imaging, but
the absorption line centered around 760.77 nm is used as
it is free from absorption by other molecules often found in
the atmosphere such as ambient carbon dioxide and water
vapor. Using the strongest absorption line of oxygen is best
suited at short to medium ranges (0 - 10 m). The absorption
of water vapor around 761 nm is around four orders of
magnitude lower than oxygen, and no carbon dioxide
absorption lines exist in this region.1 The signal attenuation
at a larger distance, as well as the oxygen absorption
spectrum, can be seen in
Figure 3.
Figure 3. a) Simulated oxygen absorption spectra
around 761 nm wavelength at 5 m distance (10 m total
propagation). b) Simulated absorption spectra of the
absorption line around 760.77 nm for 1 and 5 m distances
(2 and 10 m propagation), respectively.1
With the selected absorption line for oxygen, the limitation
of this design is 75 m. For longer distances, weaker
absorption lines could be used with adequate illumination
power for the laser. With oxygen absorption, the
calculations assume a constant concentration of molecular
oxygen in the air: ~20.9% oxygen in ambient air. Thus, the
developed system is limited to environments with very few
deviations  or  different  concentrations  for  accurate  oxygen 
measurements, or frequent calibration would be required.
Two wavelengths for illumination can be used to produce
a 3D image, but this can generate rift and jitter in the
laser wavelength, creating large errors in the distance
measurements. By illuminating the scene with multiple
wavelength  points  over  the  whole  absorption  profile  and 
recording the absorption spectrum, the laser drift and jitter
problem can be avoided. Here, researchers swept the
current and emitted wavelengths over the absorption profile 
of oxygen. The laser is brought below the lasing threshold
to capture a dark frame from ambient light, and then the
injection current is gradually increased to generate a total
of 60 illuminated frames. The frames constitute a single
data cube, making a single 3D frame. This frame-cube
generation can be seen in
Figure 4. Because the current
tuning is swept, both the laser output power and wavelength
increase, creating a linearly increasing component for the
detected absorption.
In the calculation software to create the 3D frame from
the data cube, several approximations are taken to focus
on extracting a stable and precise estimation of the
absorbance rather than an accurate reading which can be
corrected using known distances.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com