Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSV2A Datasheet(PDF) 4 Page - Clarke International

Part # CSV2A
Description  SUBMERSIBLE WATER PUMP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSV2A Datasheet(HTML) 4 Page - Clarke International

  CSV2A Datasheet HTML 1Page - Clarke International CSV2A Datasheet HTML 2Page - Clarke International CSV2A Datasheet HTML 3Page - Clarke International CSV2A Datasheet HTML 4Page - Clarke International CSV2A Datasheet HTML 5Page - Clarke International CSV2A Datasheet HTML 6Page - Clarke International CSV2A Datasheet HTML 7Page - Clarke International CSV2A Datasheet HTML 8Page - Clarke International CSV2A Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
ELECTRICAL CONNECTIONS
Co
nnect the mains lead to a suitable 110 Volt (50Hz) electrical supply through
an approved plug or a suitably fused isolator switch, or to a suitable portable
110 volt transformer.
We recommend that this pump is fitted with a Residual Current Device (RCD).
If the pump is to be connected to an outdoor electrical supply, ensure both
the plug and the socket are of a British Standard approved waterproof design.
The wires in the mains lead are coloured according to with the following code:
Green & Yellow
-
Earth
Blue
-
Neutral
Brown
-
Live
As the colours of the flexible power cable of this appliance may not
correspond with the coloured markings identifying terminals in your plug
proceed as follows:
• Connect GREEN & YELLOW wire to the terminal marked with a letter “E” or
Earth symbol ‘
’or coloured GREEN or GREEN & YELLOW.
• Connect BROWN wire to terminal marked with a letter “L” or coloured RED
• Connect BLUE wire to terminal marked with “N” or coloured BLACK
IMPORTANT: If you are in any doubt regarding electrical installation, you should
consult a qualified electrician.
PUMP PERFORMANCE DATA
WARNING: THIS APPLIANCE MUST BE EARTHED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com