Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSV2A Datasheet(PDF) 6 Page - Clarke International

Part # CSV2A
Description  SUBMERSIBLE WATER PUMPS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSV2A Datasheet(HTML) 6 Page - Clarke International

Back Button CSV2A Datasheet HTML 2Page - Clarke International CSV2A Datasheet HTML 3Page - Clarke International CSV2A Datasheet HTML 4Page - Clarke International CSV2A Datasheet HTML 5Page - Clarke International CSV2A Datasheet HTML 6Page - Clarke International CSV2A Datasheet HTML 7Page - Clarke International CSV2A Datasheet HTML 8Page - Clarke International CSV2A Datasheet HTML 9Page - Clarke International CSV2A Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
USING THE PUMP
1. Place the pump on a flat surface in the area that you want to drain.
• If there is sediment in the operating area the pump should be
placed on house bricks or similar.
• Ensure the pump is positioned with adequate space so that the
movement of the float switch is not restricted - recommended
minimum area of 40 x 40cm.
• ALWAYS raise and lower the pump using a rope attached to the
lifting handle.
• Take all necessary precautions as described on page 3 before
plugging in and switching ON.
2. Connect the mains plug to a high sensitivity residual current device (RCD)
which has a tripping current of less then 30mA.
3. Switch the mains power supply on.
• The pump incorporates a float switch which automatically switches
the pump ON when the water is above a pre-determined level.
• The pump will begin to drain water.
• As the water level falls, so will the float switch until it stops the pump.
4. Disconnect the pump from the mains power supply when finished.
• These pumps are fitted with automatic thermal overload protection.
If the pump overheats due to an obstruction in the pump or
pumping warm water for example, it will shut off automatically.
Switch the pump OFF and disconnect from the mains supply. Check
for blockages and allow the motor to cool (at least 5 minutes)
before attempting to re-start.
WARNING: CHECK THE PUMP FOR DAMAGE BEFORE USE. DO NOT USE THE
PUMP IF IT IS DAMAGED IN ANY WAY.
WARNING: THE WATER BEING PUMPED WILL BE POLLUTED IF THIS PUMP
BECOMES DAMAGED AND LUBRICANT WITHIN THE PUMP ESCAPES.
WARNING: NEVER CARRY THE PUMP USING THE MAINS POWER CABLE.
DAMAGE TO ELECTRICAL CABLES CAN BE HAZARDOUS. ALWAYS USE THE
HANDLE WHEN MOVING THE PUMP.
CAUTION: DO NOT ALLOW THE PUMP TO RUN DRY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com