Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RH850/U2B Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # RH850/U2B
Description  Renesas microcontroller
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850/U2B Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button RH850/U2B Datasheet HTML 29Page - Renesas Technology Corp RH850/U2B Datasheet HTML 30Page - Renesas Technology Corp RH850/U2B Datasheet HTML 31Page - Renesas Technology Corp RH850/U2B Datasheet HTML 32Page - Renesas Technology Corp RH850/U2B Datasheet HTML 33Page - Renesas Technology Corp RH850/U2B Datasheet HTML 34Page - Renesas Technology Corp RH850/U2B Datasheet HTML 35Page - Renesas Technology Corp RH850/U2B Datasheet HTML 36Page - Renesas Technology Corp RH850/U2B Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 206 page
background image
Table 3.7
Pull-up/Pull-down Characteristics (IOVCC = 4.5 ~ 5.5V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input pull-up current
source
IPU1
Other than below
IOVCC*1 = 4.5 to 5.5V
Vin = 0V
30
350
μA
SHMTMSC support pin IOVCC*1 = 4.5 to 5.5V
Vin = 0V
PISn_m=1, PISAn_m=1
40
190
μA
Input pull-down current
source
IPD1
Other than below
IOVCC*1 = 4.5 to 5.5V
Vin = IOVCC*1
30
350
μA
SHMTMSC support pin IOVCC*1 = 4.5 to 5.5V
Vin = IOVCC*1
PISn_m=1, PISAn_m=1
50
240
μA
RESET
SYSVCC = 4.5 to 5.5V
Vin = SYSVCC
110
μA
*2
IOVCC*1 = 4.5 to 5.5V
Vin = IOVCC*1
30
350
μA
RH850/U2B
Section 3 Electrical Characteristics
Page
33 of 206
R01DS0492EJ0100 Rev.1.00
Mar.31.2025
Note 1.
"IOVCC" means power supply voltage for I/O ports. See the appendix
“E02_01_List_of_Pin_Assignment.xlsx” for the power supply of each pin.
Note 2.
FLMD0, SBMD, TRST, ICE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com