Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDTC0520 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # LDTC0520
Description  Laser Diode & Temperature Controllers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC0520 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  LDTC0520 Datasheet HTML 1Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 2Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 3Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 4Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 5Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 6Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 7Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 8Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
© 2025
www.teamWavelength.com
4
LDTC0520 / LDTC1020 LASER DIODE AND TEMPERATURE CONTROLLER
PIN DESCRIPTIONS
Table 1. Pin Descriptions and Wire Colors
PIN
NAME
CABLE
COLOR
PIN DESCRIPTION
Connector J1, Cable WCB303 (included with LDTC0520 and LDTC1020)
1
V
DD_FL
Green
Laser driver and laser diode power supply input; 3 to 11 VDC. Current rated to at least 1.1‑times
the laser diode forward current plus the driver quiescent current. Low-noise switching power supply
recommended.
Reference the Safe Operating Area calculator.
2
V
DD_WTC
Red
Temperature controller power supply input; 5 to 12 VDC. Current rated to at least 100 mA. Low‑
noise switching power supply recommended.
Reference the Safe Operating Area calculator.
3
V
S
White
Power supply input for driving the TEC or resistive heater; 5 to 30 VDC. Current rated to at least
1.1-times the TEC maximum drive current. Low-noise switching power supply recommended.
Reference the Safe Operating Area calculator.
4
GND
Black
Power supply ground.
This is the only ground connection designed as a high current power supply return.
Connector J2, Cable WCB302 (included with LDTC0520 and LDTC1020)
1
SP1
—
No connection
2
SP2
—
No connection
3
LD SHD
Red
Laser diode shutdown / interlock input. The onboard Enable switch must be set to ENABLE when
this external enable function is used. TTL-compatible.
Enable = Ground; Disable = OPEN or 3 to 5 V.
4
COM
Green/Blk
Low current return for monitors, inputs, and status pins.
Do not use for high current return.
5
EXT LD SET White
External laser diode setpoint input, optional. Range 0 to 2 V. Input impedance 5 kΩ. Transfer function
shown in
Table 2. Set the LDREF switch to EXT to reference this input signal. The EXT LD SET
voltage does not sum with the onboard trimpot setting. Not TTL-compatible.
6
COM
Green
Low current return for monitors, inputs, and status pins.
Do not use for high current return.
7
LD P M
Orange/Blk Photodiode current monitor output. The signal on this pin is proportional to the photodiode current.
Voltage range 0 to 2 V. Transfer function shown in
Table 2.
8
LD I M
Blue
Laser current monitor output. The signal on this pin is proportional to the actual laser output current.
Transfer function shown in
Table 2.
9
ACT T M
Red/Blk
Actual temperature sensor voltage monitor output. Output voltage equals the voltage drop across
the temperature sensor. Voltage range 0 V to V
DD_WTC.
10
SET T M
White/Blk
Temperature setpoint voltage monitor output. Output voltage equals the temperature sensor
setpoint voltage set by the onboard trimpot or the EXT T SET input.
11
EXT T SET
Orange
External temperature setpoint input, optional. Range 0.3 to (V
DD_WTC ‑ 2). Input impedance > 1 MΩ.
Transfer function shown in
Table 2. This voltage does not sum with the onboard trimpot setting.
Set the TREF switch to EXT to reference the EXT T SET input signal. Not TTL-compatible. If the
signal falls below 0.3 V the setpoint will default to 1 V. To reset the default safety circuit, the EXT T
SET voltage must be > 0.4 V.
12
COM
Black
Low current return for monitors, inputs, and status pins.
Do not use for high current return.
Connector J3, Cable WCB301 (included with LDTC0520 and LDTC1020)
1
LDC
Black
Laser diode cathode connection
2
PDA
White
Photodiode anode connection
3
SP3
Blue
No connection
4
LDA
Red
Laser diode anode connection
5
COM
Green
Low current return for monitors, inputs, and status pins.
Do not use for high current return.
6
TEC+
Red/Blk
Positive side of TEC. This pin supplies the current to the TEC (when using NTC sensors).
Refer
to the operating instructions for proper connections to a TEC or Resistive Heater based on
the type of sensor being used.
7
TEC–
Orange
Negative side of TEC. This pin sinks the current from the TEC (when using NTC sensors).
8
SEN+
White/Blk
Positive side of temperature sensor. Bias current is driven from SEN+ to SEN–.
9
SEN–
Orange/Blk Ground connection for the temperature sensor. Refer to the Specifications table for input voltage
range.
Do not use for high current return.
10
COM
Green/Blk
Low current return for monitors, inputs, and status pins.
Do not use for high current return.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com