Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QCL-LAB161 Datasheet(PDF) 17 Page - Wavelength Electronics, Inc.

Part # QCL-LAB161
Description  Low-Noise QCL Driver — Laboratory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB161 Datasheet(HTML) 17 Page - Wavelength Electronics, Inc.

Back Button QCL-LAB161 Datasheet HTML 13Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 14Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 15Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 16Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 17Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 18Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 19Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 20Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 21Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
TROUBLESHOOTING
Table 5. Troubleshooting
PROBLEM
POTENTIAL CAUSES
SOLUTIONS
Front panel Power button does not turn on
The button has been pushed on and
off within 3 seconds.
The front panel Power button has a 3 second
delay between when it is turned off and on in
rapid succession. This is a safety mechanism
to ensure there is no damage to either the
QCL instrument or the attached load.
The rear panel switch is off.
Turn the rear panel switch to the on or |
position.
The Enable button does not turn on
The button has been turned on and off
within 2 seconds.
The button cannot be pressed faster than
every 2 seconds.
The QCL D-SUB interlock or Active
Interlock connections are open, or the
keyswitch is in the LOCKED position
•
Make sure PIN 1 and PIN 2 on the QCL
D-SUB are shorted.
•
The “Active Lock” BNC connector may
be open. Install a BNC shorting plug.
•
Rotate the key to the UNLOCKED
position.
The instrument experienced an
internal fault.
(See
Error Messages on page 19.)
The instrument will remain disabled until
manually powered off and then on using the
rear panel power switch.
The instrument heatsink temperature
has exceeded 70ºC.
Allow the instrument to cool down and then
press the front panel power button.
The front panel Power button is not
on.
Press the Power button on the front panel to
enable the display.
The instrument is on but the front panel
display is blank
The instrument experienced an
internal fault.
(See
Error Messages on page 19.)
Switch the back panel power button off and
then on again, and turn the front panel power
button on.
The internal temperature has reached
an unsafe level.
Allow the instrument to cool down and then
switch the back panel power button off and
then on again, and turn the front panel power
button on.
The front panel Power button is
pulsing on and off in standby mode.
Press the Power button on the front panel to
enable the display.
The date and time on my VI scan file are
wrong
The QCL instrument does not have a realtime
clock. When a VI scan file is created, the date
and time stamp are randomly chosen.
The VI scan files are not in the order that
they were created
Some files may have been deleted off
of the USB flash drive.
When files are deleted off of the USB flash
drive and new files are saved to it, the new
files are given sequentially the names of the
deleted files.
Unable to create new VI scans
The interlocks may not be satisfied.
Turn the keyswitch to UNLOCKED, or
install the ACTIVE LOCK BNC and passive
interlocks.
There are too many files on the USB
flash drive.
Delete files from the USB flash drive.
I can’t find my VI scan files
VI scan files are named sequentially.
If files have been deleted from the flash drive,
any new files added are named sequentially
and have the names of the deleted files.
The fan keeps coming on
The internal temperature is being
regulated.
To reduce internal heat generation, choose a
lower supply voltage. The instrument will shut
down if the internal temperature gets too hot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com