Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR10-2M2WMBW Datasheet(PDF) 9 Page - PATLITE CORPORATION.

Part # LR10-2M2WMBW
Description  Signal Tower
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR10-2M2WMBW Datasheet(HTML) 9 Page - PATLITE CORPORATION.

  LR10-2M2WMBW Datasheet HTML 1Page - PATLITE CORPORATION. LR10-2M2WMBW Datasheet HTML 2Page - PATLITE CORPORATION. LR10-2M2WMBW Datasheet HTML 3Page - PATLITE CORPORATION. LR10-2M2WMBW Datasheet HTML 4Page - PATLITE CORPORATION. LR10-2M2WMBW Datasheet HTML 5Page - PATLITE CORPORATION. LR10-2M2WMBW Datasheet HTML 6Page - PATLITE CORPORATION. LR10-2M2WMBW Datasheet HTML 7Page - PATLITE CORPORATION. LR10-2M2WMBW Datasheet HTML 8Page - PATLITE CORPORATION. LR10-2M2WMBW Datasheet HTML 9Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
5.2 Flash Pattern Setting
It can be switched to Continuous, Rotating, Triple-Flash, or Dimmed continuous by shorting
the common line with Pattern 1 or Pattern 2. The settings are shown in the table below.
5.3 External Contact Capacity
■
Signal line
■
Recommended Fuse
[6.Buzzer Pattern Set-up]
Set up the preferred pattern, using the DIP Switch after removing the buzzer unit.
Fuse Rating
250V / 1A
10mA or more
10mA or more
30V or more
Lealage Current (I)
Current Capacity (Is)
30V or more
Drawing No.
Rev.
Page
LR10-502WJNW-
W18
C
M2
02
0.1mA or less
0.1mA or less
Withst and Voltage (Vs)
■
Setup Table
ON
ON
Dimmed continuous
Triple-Flash
Rotating
Continuous
OFF
OFF
OFF
ON
Flash Pattern
ON
OFF
pattern1-Common
pattern2-Common
Wiring
9/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com