Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10DMJCJFB Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F10DMJCJFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMJCJFB Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F10DMJCJFB Datasheet HTML 9Page - Renesas Technology Corp R5F10DMJCJFB Datasheet HTML 10Page - Renesas Technology Corp R5F10DMJCJFB Datasheet HTML 11Page - Renesas Technology Corp R5F10DMJCJFB Datasheet HTML 12Page - Renesas Technology Corp R5F10DMJCJFB Datasheet HTML 13Page - Renesas Technology Corp R5F10DMJCJFB Datasheet HTML 14Page - Renesas Technology Corp R5F10DMJCJFB Datasheet HTML 15Page - Renesas Technology Corp R5F10DMJCJFB Datasheet HTML 16Page - Renesas Technology Corp R5F10DMJCJFB Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 139 page
background image
RL78/D1A
1. OUTLINE
R01DS0463EJ0120 Rev. 1.20
Page 13 of 135
Mar 31, 2026
1.5 Pin Identification
<R>
<R>
<R>
<R>
ANI0 to ANI10:
Analog input
ADTRG:
A/D conversion start
trigger external input
AVREFM:
A/D converter reference
potential (− side) input
AVREFP:
A/D converter reference
potential (+ side) input
COM0 to COM3:
Common output
CRxD0, CRxD1:
Receive data for CAN
CTxD0, CTxD1:
Transmit data for CAN
DBD0 to DBD7:
LCD Bus I/F data lines
DBWR
___________
:
LCD Bus I/F write strobe
DBRD
__________
:
LCD Bus I/F read strobe
EVDD, EVDD0, EVDD1: Power supply for port
EVSS, EVSS0, EVSS1: Ground for port
EXCLK:
External clock input
(main system clock)
INTP0 to INTP5:
External interrupt input
INTPLR0, INTPLR1: External interrupt input for LIN
LRxD0, LRxD1:
Serial data input to LIN
LTxD0, LTxD1:
Serial data output from LIN
P00 to P07:
Port 0
P10 to P17:
Port 1
P20 to P27:
Port 2
P30 to P37:
Port 3
P40 to P47:
Port 4
P50 to P57:
Port 5
P60 to P66:
Port 6
P70 to P75:
Port 7
P80 to P87:
Port 8
P90 to P97:
Port 9
P100 to P107:
Port 10
P110 to P117:
Port 11
P121 to P127:
Port 12
P130 to P137:
Port 13
P140:
Port 14
P150 to P152:
Port 15
PCL:
Programmable clock output
REGC:
Regulator capacitance
RESET
____________
:
Reset
RESOUT:
Reset output signal
RTC1HZ:
Real-time clock correction
clock (1 Hz) output
RxD0:
Receive data for UART
TxD0:
Transmit data for UART
SCK00, SCK01, SCK10: Serial clock input/output
SCL11:
Serial clock input/output
SDA11:
Serial data input/output
SEG0 to SEG53:
Segment output
SGO:
Sound generator output
SGOA:
Sound generator amplitude
PWM output
SGOF:
Sound generator frequency
output
SI00, SI01, SI10:
Serial data input
SM11 to SM14,
SM21 to SM24,
SM31 to SM34,
SM41 to SM44:
Stepper motor outputs
SMVDD, SMVDD0, SMVDD1: Stepper motor controller/driver
supply voltage
SMVSS, SMVSS0, SMVSS1: Stepper motor controller/driver
ground
SO00, SO01, SO10:
Serial data output
STOPST:
STOP status output
TI00 to TI07,
TI10 to TI17,
TI20 to TI27:
Timer input
TO00 to TO07,
TO10 to TO17,
TO20 to TO27:
Timer output
TOOL0:
Data input/output for tool
TOOLRxD, TOOLTxD:
Data input/output for external
device
VDD:
Power supply
VSS:
Ground
X1, X2:
Crystal oscillator (Main system
clock)
XT1, XT2:
Crystal oscillator (Sub system
clock)
ZPD14, ZPD24,
ZPD34, ZPD44:
Zero point detection input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com