Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10DMFJFB Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F10DMFJFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMFJFB Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F10DMFJFB Datasheet HTML 17Page - Renesas Technology Corp R5F10DMFJFB Datasheet HTML 18Page - Renesas Technology Corp R5F10DMFJFB Datasheet HTML 19Page - Renesas Technology Corp R5F10DMFJFB Datasheet HTML 20Page - Renesas Technology Corp R5F10DMFJFB Datasheet HTML 21Page - Renesas Technology Corp R5F10DMFJFB Datasheet HTML 22Page - Renesas Technology Corp R5F10DMFJFB Datasheet HTML 23Page - Renesas Technology Corp R5F10DMFJFB Datasheet HTML 24Page - Renesas Technology Corp R5F10DMFJFB Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 139 page
background image
RL78/D1A
1. OUTLINE
R01DS0463EJ0120 Rev. 1.20
Page 21 of 135
Mar 31, 2026
1.6.8 100-pin products (R5F10DPJ, R5F10DPK, R5F10DPL: with 2 ch of CAN)
TAU0 (8ch)
TAU1 (8ch)
TAU2 (8ch)
SAU0
VLC0 to VLC2 (Note)
COM0 to COM3
SEG0 to SEG52
Note: No PAD
LRxD0
LTxD0
SCL11
SDA11
SI01
SO01
SCK01
SI00
SO00
SCK00
TI27
TO27
TI25
TO25
TI23
TO23
TI22
TO22
TI21
TO21
TO21/TI20
TO20
RTC1HZ/TI17
TO17
RTC1HZ/TI16
TO16
CAN1 TSOUT/TI15
TO15
CAN0 TSOUT/TI14
TO14
TI13
TO13
TI12
TO12
TI11
TO11
TI10
TO10
RTC1HZ/TI07
TO07
FSUB/FIL/TI05
TO05
TI03
TO03
TI01
TO01
TO01/TI00
TO00
LCD
Controller / Driver
UARTF0
SAU1
IIC11
CSI00
CSI01
ch 0
ch 1
ch 2
ch 3
ch 4
ch 5
ch 6
ch 7
ch 0
ch 1
ch 2
ch 3
ch 4
ch 5
ch 6
ch 7
ch 0
ch 1
ch 2
ch 3
ch 4
ch 5
ch 6
ch 7
Code
Flash
Data
Flash
RL78
CPU Core
Clock Control
&
Reset Control
POR/LVD
Low Speed
OCO
15 kHz
Voltage
Regulator
PLL
4 MHz: x6, x8
8 MHz: x3, x4
Main OSC
(2 to 20 MHz)
RAM
INT61
DMA
4 ch
Multiplier &
Divider,
Multiply
Accumulator
BCD
Adjustment
OCD
PORT0
PORT1
PORT2
PORT3
PORT4
PORT5
PORT6
PORT7
PORT8
PORT9
PORT14
PORT12
PCL/BUZ
Interrupt
Control
Window
Watchdog
Timer
CRC
RTC
Interval
timer
10 bit A/D
Converter
Stepper
Motor
Controller/
Driver
Zero Point
Detector
Sound
Generator
REGC
X1
X2/EXCLK
RESET
VDD,
EVDD0,
EVDD1
VSS,
EVSS0.
EVSS1
8
P00 to P07
8
P10 to P17
8
P20 to P27
8
P30 to P37
8
P50 to P57
P40
7
P60 to P66
6
P70 to P75
8
P80 to P87
8
P90 to P97
4
P121 to P124
P140
PCL
6
INTP0 to INTP5
2
INTPLR0, 1
7
ANI2 to ANI8
ANI0/AVREF P
ANI1/AVREF M
ADTRG
4
ZPD14, 24, 34, 44
SM31 to SM34
4
SMVDD0, SMVDD1
SMVSS0, SMVSS1
SGOA
SGO/SGOF
TI02
TO02
TI04
TO04
LRxD1
LTxD1
UARTF1
SubOSC
32.768 kHz
XT1
XT2
SM41 to SM44
4
RTC1HZ/TI06
TO06
TI24
TO24
TI26
TO26
SM11 to SM14
4
SM21 to SM24
4
CRxD0
CTxD0
FCAN0
SI10
SO10
SCK10
CSI10
PORT13
P130
6
P131 to P136
P137
PORT15
P150
CRxD1
CTxD1
FCAN1
RTC1HZ
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com