Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10DMJCLFB Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F10DMJCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMJCLFB Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F10DMJCLFB Datasheet HTML 35Page - Renesas Technology Corp R5F10DMJCLFB Datasheet HTML 36Page - Renesas Technology Corp R5F10DMJCLFB Datasheet HTML 37Page - Renesas Technology Corp R5F10DMJCLFB Datasheet HTML 38Page - Renesas Technology Corp R5F10DMJCLFB Datasheet HTML 39Page - Renesas Technology Corp R5F10DMJCLFB Datasheet HTML 40Page - Renesas Technology Corp R5F10DMJCLFB Datasheet HTML 41Page - Renesas Technology Corp R5F10DMJCLFB Datasheet HTML 42Page - Renesas Technology Corp R5F10DMJCLFB Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 139 page
background image
RL78/D1A
2. PIN FUNCTIONS
R01DS0463EJ0120 Rev. 1.20
Page 39 of 135
Mar 31, 2026
Table 2-6. R5F10DSJ, R5F10DSK, R5F10DSL (3/4)
Pin Name
I/O
Function
During
Reset
After
Reset
Alternate Function
P90
I/O
Port 9. 8-bit I/O port.
Input/output can be specified in 1-bit
units.
Use of an on-chip pull-up resistor can be
specified by a software setting.
Ext.: PD
Int.: HZ
Input
SM31/TI21/TO21/SEG40
P91
SM32/TI23/TO23/SEG41
P92
SM33/SGOA/TI25/TO25/SEG42
P93
SM34/ZPD34/SGO/SGOF/TI27/TO27/SEG43
P94
SM41/RTC1HZ/TI01/TO01/SEG44
P95
SM42/TI03/TO03/SEG45
P96
SM43/TI05/TO05/SEG46
P97
SM44/ZPD44/TI07/TO07/SEG47
P100
I/O
Port 10. 8-bit I/O port.
Input/output can be specified in 1-bit
units.
Use of an on-chip pull-up resistor can be
specified by a software setting.
Ext.: PD
Int.: HZ
Input
TI24/TO24/SEG36
P101
TI25/TO25/SEG37
P102
TI26/TO26/SEG38
P103
TI27/TO27/SEG39
P104
TI01/TO01/SEG44
P105
TI02/TO02/SEG45
P106
TI05/TO05/SEG46
P107
TI06/TO06/SEG47
P110
I/O
Port 11. 8-bit I/O port.
Input can be set to
schmitt 1 input buffer.
Input/output can be specified in 1-bit
units.
Use of an on-chip pull-up resistor can be
specified by a software setting.
Ext.: PD
Int.: HZ
Input
DBD0/SCK00/TI00/TO00/SEG35
P111
DBD1/SI00/RxD0/TI02/TO02/SEG34
P112
DBD2/SO00/TxD0/TI04/TO04/SEG33
P113
DBD3/TI06/TO06/SEG32
P114
DBD4/TI07/TO07/SEG31
P115
DBD5/TI10/TO10/SEG30
P116
DBD6/TI12/TO12/SEG29
P117
DBD7/TI20/TO20/SEG28
P121
I
Port 12. 4-bit Input port, 3-bit I/O port.
Input/output of P125 to P127 can be
specified in 1-bit units.
Use of an on-chip pull-up resistor of P125
to P127 can be specified by a software
setting.
HZ
Input
X1
P122
X2/EXCLK
P123
XT1
P124
XT2
P125
I/O
Ext.: PD
Int.: HZ
TI12/TO12/SEG25
P126
TI14/TO14/SEG24
P127
TI16/TO16/SEG23
Remark Ext. (external reset): POR reset or pin reset, Int. (internal reset): WDT reset or LVD reset,
PD: Pull down, HZ: High impedance
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com