Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR10-M2WMNW Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # LR10-M2WMNW
Description  Signal Tower
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR10-M2WMNW Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  LR10-M2WMNW Datasheet HTML 1Page - PATLITE CORPORATION. LR10-M2WMNW Datasheet HTML 2Page - PATLITE CORPORATION. LR10-M2WMNW Datasheet HTML 3Page - PATLITE CORPORATION. LR10-M2WMNW Datasheet HTML 4Page - PATLITE CORPORATION. LR10-M2WMNW Datasheet HTML 5Page - PATLITE CORPORATION. LR10-M2WMNW Datasheet HTML 6Page - PATLITE CORPORATION. LR10-M2WMNW Datasheet HTML 7Page - PATLITE CORPORATION. LR10-M2WMNW Datasheet HTML 8Page - PATLITE CORPORATION. LR10-M2WMNW Datasheet HTML 9Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
[2.Model Number Configuration]
<
Assembly Model>
■
Tiers
■
Rated Voltage
■
Buzzer
■
Body Color
■
LED Unit Color
1 : 1Tier
:
24V DC
B : With Buzzer
W :
Off-white
R : Red
2 : 2Tiers
:
100-240V AC
N : No Buzzer
Y : Amber
3 : 3Tiers
G : Green
4 : 4Tiers
B : Blue
5 : 5Tiers
■
Mounting/Wiring
C : White
:
Direct Mount/Cabtyre Cord
:
Direct Mount/M12 Connector (Only 02 type)
<
Unit Model(Body Unit)>
■
Rated Voltage
■
Buzzer
■
Body Color
:
24V DC
N : No Buzzer
W :
Off-white
:
100-240V AC
■
Mounting/Wiring
:
Direct Mount/Cabtyre Cord
:
Direct Mount/M12 Connector (Only 02 type)
Remarks
Due to the characteristics of the LED elements, there may be a slight variation in color tone and brightness between
products.
※
1 Environmental Condition:Flash Pattern "Continuous"
※
2 Environmental Condition:Buzzer Sound "No.4 Sweep Sound"
※
3 Environmental Condition:Signal Wire×8 - Common are short-circuited.
WM
02
M2
0
1
L R 1
Page
Drawing No.
Rev.
LR10-502WJNW-
W18
C
L R
02
WJ
02
WJ
M2
W
0 - 02 WJ
- 3
RYG
WM
From top to bottom
N W
-
WJ N
LR10-□M2WJBW
Tiers
LR10-□02WJNW
LR10-□02WJBW
LR10-□M2WJNW
1
0.83kg
0.89kg
0.85kg
1.41kg
1.47kg
0.91kg
2
1.01kg
1.07kg
1.04kg
1.10kg
1.65kg
Tiers
LR10-□02WMNW
3
1.20kg
1.26kg
1.22kg
1.28kg
4
Assembly
model
WJ
0.64kg
0.66kg
5
1.57kg
1.63kg
1.59kg
1.38kg
1.44kg
Unit Model WJ
Unit Model WM
Mass
(Tolerance
±10%)
0.59kg
Assembly
model
WM
3
1.15kg
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com