Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82810PVCAR Datasheet(PDF) 15 Page - Texas Instruments

Part # TPSM82810PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82810PVCAR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPSM82810PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 13Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 14Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 15Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 16Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 17Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 18Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
(5)
Leaving the SS/TR pin un-connected provides the fastest start-up ramp of 150µs typically. If the device is set to
shutdown (EN = GND), undervoltage lockout, or thermal shutdown, an internal resistor pulls the SS/TR pin to
GND tomake sure of a proper low level. Returning from those states causes a new start-up sequence.
A voltage applied at the SS/TR pin can also be used to track a controller voltage. The output voltage follows this
voltage in both directions up and down in forced PWM mode. In PFM mode, the output voltage decreases based
on the load current. An external voltage applied on SS/TR is internally clamped to the feedback voltage (0.6V).
TI recommends to set the final value of the external voltage on SS/TR to be slightly above 0.6V to make sure
the device operates with the internal reference voltage when the power-up sequencing is finished. See Section
9.3.1.
www.ti.com
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com