Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTX3034D Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTX3034D
Description  Bandpass Filter for Digital Cable Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTX3034D Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTX3034D Datasheet HTML 1Page - Advanced Crystal Technology ACTX3034D Datasheet HTML 2Page - Advanced Crystal Technology ACTX3034D Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel : +44 118 979 1238
Fax : +44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Electronic Characteristics
Reference temperature:
TA = 25 (45) °C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
Item
min.
typ.
max.
Unit
Centre frequency
fC
(Centre between 3 dB points)
—
(44.00)
—
MHz
Insertion attenuation
IL
Reference level for
the following data
44.06 (44.00)
MHz
13.2
14.7
16.2
dB
Pass bandwidth
α
rel ≤ 3 dB
BW3dB
—
6.0
—
MHz
α
rel ≤ 30 dB
BW30dB
—
7.7
—
MHz
Amplitude ripple
Δα
41.53 ... 46.59
MHz
—
0.5
—
dB
Relative attenuation
α
rel
41.53 (41.47)
MHz
—
0.8
—
dB
46.59 (46.53)
MHz
—
0.5
—
dB
41.06 (41.00)
MHz
2.0
3.2
4.4
dB
47.06 (47.00)
MHz
1.2
2.4
3.6
dB
47.31 (47.25)
MHz
—
8.3
—
dB
39.81 (39.75)
MHz
30.0
40.0
—
dB
Lower sidelobe
35.06 … 39.46
(35.00 ... 39.40)
MHz
36.0
43.0
—
dB
39.46 … 40.06
(39.40 ... 40.00)
MHz
32.0
40.0
—
dB
Upper sidelobe
48.06 … 50.06
(48.00 ... 50.00)
MHz
30.0
35.0
—
dB
50.06 … 55.06
(50.00 ... 55.00)
MHz
31.0
42.0
—
dB
Group delay ripple (p-p)
Δ
τ
41.53 … 46.59
MHz
—
30
—
ns
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com