Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTX3077D Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTX3077D
Description  Bandpass Filter for Digital Audio Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTX3077D Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTX3077D Datasheet HTML 1Page - Advanced Crystal Technology ACTX3077D Datasheet HTML 2Page - Advanced Crystal Technology ACTX3077D Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel : +44 118 979 1238
Fax : +44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Electronic Characteristics
Reference temperature:
TA = 25 (45) °C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
Item
min.
typ.
max.
Unit
Centre frequency
fC
(Centre between 10 dB points)
(38.874)
(38.912)
(38.950)
MHz
Insertion attenuation
IL
Reference level for
the following data
38.922 (38.912)
MHz
17.2
18.7
20.2
dB
Pass bandwidth
α
rel ≤ 3 dB
BW3dB
—
1.5
—
MHz
α
rel ≤ 30 dB
BW30dB
—
2.7
—
MHz
Relative attenuation
α
rel
36.27 … 37.31 (36.26 … 37.30)
MHz
40.0
52.0
—
dB
40.61 … 41.41 (40.60 … 41.40)
MHz
38.0
46.0
—
dB
Lower sidelobe (incl. second adjacent channel)
30.01 … 36.27 (30.00 … 36.26)
MHz
43.0
53.0
—
dB
Upper sidelobe (incl. second adjacent channel)
41.41 … 50.01 (41.40 … 50.00)
MHz
42.0
47.0
—
dB
Reflected wave signal suppression
1.6
μs ... 6.0 μs after main pulse
(test pulse 250 ns, carrier frequency 38.922 MHz)
42.0
52.0
—
dB
Group delay ripple (p-p)
Δ
τ
38.12 … 39.72 (38.11 … 39.71)
MHz
—
35
—
ns
Temperature coefficient of frequency
TCf
—
–18
—
ppm/K
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com