Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-DASPA2-EC Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # GW-DASPA2-EC
Description  OSCONIQ® P 2226
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-DASPA2-EC Datasheet(HTML) 1 Page - ams-OSRAM AG

  GW-DASPA2-EC Datasheet HTML 1Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 2Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 3Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 4Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 5Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 6Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 7Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 8Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
GW DASPA2.EC
1 Version 1.6 | 2022-02-08
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
GW DASPA2.EC
OSCONIQ® P 2226
High-efficacy mid-power LED with long lifetimes also
at high currents and high junction temperatures.
—
—
Architecture
—
—
Architecture / Garden Lighting (LED & Laser)
—
—
Medical Illumination
—
—
Photo Therapy
Features
—
—
Package: SMT package
—
—
Typ. Radiation: 120°
—
—
Color temperature: 2700K - 6500K
—
—
CRI: 80 (min.), 83 (typ.), R9: 0 (min.)
—
—
Lumen maintenance: Test results according to IESNA LM-80 available
—
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
—
—
Luminous Flux: typ. 37 lm @ 3000 K
—
—
Luminous efficacy: typ. 130 lm/W @ 3000 K


Similar Part No. - GW-DASPA2-EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GW-DASPA2.EC OSRAM-GW-DASPA2.EC Datasheet
1Mb / 25P
SMT package
More results

Similar Description - GW-DASPA2-EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPUSRA1.PM OSRAM-GWPUSRA1.PM Datasheet
2Mb / 24P
OSCONIQ P 3737
GTDASPA2.13 OSRAM-GTDASPA2.13 Datasheet
1Mb / 21P
OSCONIQ P 2226
GHDASPA2.24 OSRAM-GHDASPA2.24 Datasheet
1Mb / 20P
OSCONIQ P 2226
GFDASPA2.24 OSRAM-GFDASPA2.24 Datasheet
1Mb / 21P
OSCONIQ P 2226
GDDASPA2.14 OSRAM-GDDASPA2.14 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
logo
Lapp.
0012800 LAPP-0012800 Datasheet
171Kb / 1P
OLFLEX® 440 P
01.01.2019
55502621 LAPP-55502621 Datasheet
109Kb / 2P
SILVYN® US-M AS-P / SILVYN® US AS-P
07.03.2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com