Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-JCLPS2-CM Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # GW-JCLPS2-CM
Description  DURIS® E 3
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-JCLPS2-CM Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button GW-JCLPS2-CM Datasheet HTML 9Page - ams-OSRAM AG GW-JCLPS2-CM Datasheet HTML 10Page - ams-OSRAM AG GW-JCLPS2-CM Datasheet HTML 11Page - ams-OSRAM AG GW-JCLPS2-CM Datasheet HTML 12Page - ams-OSRAM AG GW-JCLPS2-CM Datasheet HTML 13Page - ams-OSRAM AG GW-JCLPS2-CM Datasheet HTML 14Page - ams-OSRAM AG GW-JCLPS2-CM Datasheet HTML 15Page - ams-OSRAM AG GW-JCLPS2-CM Datasheet HTML 16Page - ams-OSRAM AG GW-JCLPS2-CM Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
GW JCLPS2.CM (GEN 2)
DATASHEET
DATASHEET
13 | Version 1.3 | 2022-03-01
Forward current 6)
I
F = f(VF); TJ = 25 °C
GW JCLPS2.CM(GEN2)
2,65
2,82,9 3,03,1 3,23,3
VF
10
150
20
40
60
80
100
120
140
IF /mA
Relative Luminous Flux 6), 7)
Φ
v/Φv(65 mA) = f(IF); TJ = 25 °C
GW JCLPS2.CM(GEN2)
IF /mA
-3
-2
-1
0
1
2
3
ΦV
ΦV(65mA)
Chromaticity Coordinate Shift 6)
Cx, Cy = f(I
F); TJ = 25 °C
GW JCLPS2.CM(GEN2)
IF /mA
-0,010
-0,005
0,000
0,005
0,010
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com