Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-JDSTS1-EM Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # GW-JDSTS1-EM
Description  DURIS® E 5
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-JDSTS1-EM Datasheet(HTML) 5 Page - ams-OSRAM AG

  GW-JDSTS1-EM Datasheet HTML 1Page - ams-OSRAM AG GW-JDSTS1-EM Datasheet HTML 2Page - ams-OSRAM AG GW-JDSTS1-EM Datasheet HTML 3Page - ams-OSRAM AG GW-JDSTS1-EM Datasheet HTML 4Page - ams-OSRAM AG GW-JDSTS1-EM Datasheet HTML 5Page - ams-OSRAM AG GW-JDSTS1-EM Datasheet HTML 6Page - ams-OSRAM AG GW-JDSTS1-EM Datasheet HTML 7Page - ams-OSRAM AG GW-JDSTS1-EM Datasheet HTML 8Page - ams-OSRAM AG GW-JDSTS1-EM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Characteristics (TS = 25 °C; IF = 65 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage
2) page 25
Durchlassspannung
2) Seite 25
(min.)
(typ.)
(max.)
VF
VF
VF
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Color rendering index 3) page 25
Farbwiedergabe Index 3) Seite 25
(2700K - 6500K)
(typ.)
(min.)
R
a
R
a
85
80
-
-
Real thermal resistance junction / solder point
4) page 25
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 25
(typ.)
(max.)
Rth JS real
Rth JS real
K/W
K/W
"Electrical" thermal resistance junction / solder point
4) page 25
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
4) Seite 25
(with efficiency ηe
(typ.)
(max.)
R
th JS el
R
th JS el
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite
2.60
2.84
3.20
16
20
= 51.4 %)
32.44
40.32
2017-07-05
5
Version 1.2
GW JDSTS1.EM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com