Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F1026AASP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F1026AASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1026AASP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F1026AASP Datasheet HTML 1Page - Renesas Technology Corp R5F1026AASP Datasheet HTML 2Page - Renesas Technology Corp R5F1026AASP Datasheet HTML 3Page - Renesas Technology Corp R5F1026AASP Datasheet HTML 4Page - Renesas Technology Corp R5F1026AASP Datasheet HTML 5Page - Renesas Technology Corp R5F1026AASP Datasheet HTML 6Page - Renesas Technology Corp R5F1026AASP Datasheet HTML 7Page - Renesas Technology Corp R5F1026AASP Datasheet HTML 8Page - Renesas Technology Corp R5F1026AASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 114 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 2 of 109
Օ ROM, RAM capacities
Code flash
Data flash
RAM
20 pins
24 pins
30 pins
16 KB
2 KB
2 KB
–
–
R5F102AA
–
–
–
R5F103AA
2 KB
1.5 KB
R5F1026A Note 1
R5F1027A Note 1
–
–
R5F1036A Note 1
R5F1037A Note 1
–
12 KB
2KB
1 KB
R5F10269 Note 1
R5F10279 Note 1
R5F102A9
–
R5F10369 Note 1
R5F10379 Note 1
R5F103A9
8 KB
2 KB
768 B
R5F10268 Note 1
R5F10278 Note 1
R5F102A8
–
R5F10368 Note 1
R5F10378 Note 1
R5F103A8
4 KB
2KB
512 B
R5F10267
R5F10277
R5F102A7
–
R5F10367
R5F10377
R5F103A7
2 KB
2 KB
256 B
R5F10266 Note 2
–
–
–
R5F10366 Note 2
–
–
Notes 1.
This is 640 bytes when the self-programming function or data flash function is used. (For details, see
CHAPTER 3 CPU ARCHITECTURE in the RL78/G12 User’s Manual.)
2.
The self-programming function cannot be used for R5F10266 and R5F10366.
Caution When the flash memory is rewritten via a user program, the code flash area and RAM area are used
because each library is used. When using the library, refer to RL78 Family Flash Self Programming
Library Type01 User's Manual and RL78 Family Data Flash Library Type04 User's Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com