Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10Y16ASP Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R5F10Y16ASP
Description  True Low Power Platform (as low as 46 μA/MHz), 2.0 to 5.5V Operation, 1 to 4 Kbyte Flash for General Purpose Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10Y16ASP Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R5F10Y16ASP Datasheet HTML 28Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 29Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 30Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 31Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 32Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 33Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 34Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 35Page - Renesas Technology Corp R5F10Y16ASP Datasheet HTML 36Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
RL78/G10
3. PACKAGE DRAWINGS
R01DS0207EJ0321 Rev.3.21
Mar 22, 2024
Page 33 of 33
3.2 16-pin products
R5F10Y47ASP, R5F10Y46ASP, R5F10Y44ASP
R5F10Y47DSP, R5F10Y46DSP, R5F10Y44DSP
JEITA Package code
RENESAS code
Previous code
MASS(TYP.)[g]
P-SSOP16-4.4x5-0.65
PRSP0016JC-B
P16MA-65-FAB-1
0.08
D
A
b
H
0.65
0.14
5.00
4.40
0.13
Referance
Symbol
Min
Nom
Max
Dimension in Millimeters
1.725
0.17
0.32
A
0.22
b
A
0.24
c
0.20
c
0
°
0.175
0.17
Z
θ
L
1
1
E
D
1
E
0.125
0.15
1.00
4.85
5.15
4.60
4.20
2
1.50
1
8
°
6.20
6.40
6.60
e
Terminal cross section
b p
b 1
c
c1
0.075
16
1
8
S
S
detail of lead end
A
A
A
e
y
c
Z
9
M
b
x
S
E
D
D
L
A
B
D
5.20
5.05
5.35
x
y
0.225
0.50
L
0.10
A B
D
p
2
HE
L
1
1
0.35
0.65
1
1
p
INDEX MARK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com