Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10367ASM Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F10367ASM
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10367ASM Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F10367ASM Datasheet HTML 28Page - Renesas Technology Corp R5F10367ASM Datasheet HTML 29Page - Renesas Technology Corp R5F10367ASM Datasheet HTML 30Page - Renesas Technology Corp R5F10367ASM Datasheet HTML 31Page - Renesas Technology Corp R5F10367ASM Datasheet HTML 32Page - Renesas Technology Corp R5F10367ASM Datasheet HTML 33Page - Renesas Technology Corp R5F10367ASM Datasheet HTML 34Page - Renesas Technology Corp R5F10367ASM Datasheet HTML 35Page - Renesas Technology Corp R5F10367ASM Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
RL78/G12
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 32 of 109
(2) During communication at same potential (simplified SPI (CSI) mode) (master mode, SCK00... internal clock
output, corresponding CSI00 only)
(TA = –40 to +85°C, 2.7 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
LS (low-speed main)
Mode
Unit
MIN.
MAX.
MIN.
MAX.
SCK00 cycle time
tKCY1
tKCY1
≥ 2/fCLK
83.3
250
ns
SCK00 high-/low-
level width
tKH1,
tKL1
4.0 V
≤ VDD ≤ 5.5 V
tKCY1/2–7
tKCY1/2–50
ns
2.7 V
≤ VDD ≤ 5.5 V
tKCY1/2–10
tKCY1/2–50
ns
SI00 setup time
(to SCK00
↑) Note 1
tSIK1
4.0 V
≤ VDD ≤ 5.5 V
23
110
ns
2.7 V
≤ VDD ≤ 5.5 V
33
110
ns
SI00 hold time
(from SCK00
↑) Note 2
tKSI1
10
10
ns
Delay time from
SCK00
↓ to SO00
output Note 3
tKSO1
C = 20 pF Note 4
10
10
ns
Notes 1.
When DAP00 = 0 and CKP00 = 0, or DAP00 = 1 and CKP00 = 1. The SI00 setup time becomes “to
SCK00
↓” when DAP00 = 0 and CKP00 = 1, or DAP00 = 1 and CKP00 = 0.
2.
When DAP00 = 0 and CKP00 = 0, or DAP00 = 1 and CKP00 = 1. The SI00 hold time becomes “from
SCK00
↓” when DAP00 = 0 and CKP00 = 1, or DAP00 = 1 and CKP00 = 0.
3.
When DAP00 = 0 and CKP00 = 0, or DAP00 = 1 and CKP00 = 1. The delay time to SO00 output becomes
“from SCK00
↑” when DAP00 = 0 and CKP00 = 1, or DAP00 = 1 and CKP00 = 0.
4.
C is the load capacitance of the SCK00 and SO00 output lines.
Caution Select the normal input buffer for the SI00 pin and the normal output mode for the SO00 and SCK00
pins by using port input mode register 1 (PIM1) and port output mode register 1 (POM1).
Remarks 1. This specification is valid only when CSI00’s peripheral I/O redirect function is not used.
2. fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the serial clock select register 0 (SPS0) and the CKS00 bit of serial mode
register 00 (SMR00).)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com