Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10366ASM Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F10366ASM
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASM Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F10366ASM Datasheet HTML 1Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 2Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 3Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 4Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 5Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 6Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 7Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 8Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 5 of 109
1.3 Differences between the R5F102 Products and the R5F103 Products
The following are differences between the R5F102 products and the R5F103 products.
Օ Whether the data flash memory is mounted or not
Օ High-speed on-chip oscillator oscillation frequency accuracy
Օ Number of channels in serial interface
Օ Whether the DMA function is mounted or not
Օ Whether a part of the safety functions are mounted or not
1.3.1 Data Flash
The data flash memory of 2 KB is mounted on the R5F102 products, but not on the R5F103 products.
Product
Data Flash
R5F102 products
R5F1026A, R5F1027A, R5F102AA,
R5F10269, R5F10279, R5F102A9,
R5F10268, R5F10278, R5F102A8,
R5F10267, R5F10277, R5F102A7,
R5F10266 Note
2 KB
R5F103 products
R5F1036A, R5F1037A, R5F103AA,
R5F10369, R5F10379, R5F103A9,
R5F10368, R5F10378 R5F103A8,
R5F10367, R5F10377, R5F103A7,
R5F10366
Not mounted
Note The RAM in the R5F10266 has capacity as small as 256 bytes. Depending on the customer's program
specification, the stack area to execute the data flash library may not be kept and data may not be written to or
erased from the data flash memory.
Caution When the flash memory is rewritten via a user program, the code flash area and RAM area are used
because each library is used. When using the library, refer to RL78 Family Flash Self Programming
Library Type01 User's Manual and RL78 Family Data Flash Library Type04 User's Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com