Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10366ASM Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # R5F10366ASM
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASM Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button R5F10366ASM Datasheet HTML 106Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 107Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 108Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 109Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 110Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 111Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 112Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 113Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 114Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 110 / 114 page
background image
C - 1
Revision History
RL78/G12 Datasheet
Rev.
Date
Description
Page
Summary
1.00
Dec 10, 2012
-
First Edition issued
2.00
Sep 06, 2013
1
Modification of 1.1 Features
3
Modification of 1.2 List of Part Numbers
4
Modification of Table 1-1. List of Ordering Part Numbers, Note, and Caution
7 to 9
Modification of package name in 1.4.1 to 1.4.3
14
Modification of tables in 1.7 Outline of Functions
17
Modification of description of table in 2.1 Absolute Maximum Ratings (TA =
25°C)
18
Modification of table, Note, and Caution in 2.2.1 X1 oscillator characteristics
18
Modification of table in 2.2.2 On-chip oscillator characteristics
19
Modification of Note 3 in 2.3.1 Pin characteristics (1/4)
20
Modification of Note 3 in 2.3.1 Pin characteristics (2/4)
23
Modification of Notes 1 and 2 in (1) 20-, 24-pin products (1/2)
24
Modification of Notes 1 and 3 in (1) 20-, 24-pin products (2/2)
25
Modification of Notes 1 and 2 in (2) 30-pin products (1/2)
26
Modification of Notes 1 and 3 in (2) 30-pin products (2/2)
27
Modification of (3) Peripheral functions (Common to all products)
28
Modification of table in 2.4 AC Characteristics
29
Addition of Minimum Instruction Execution Time during Main System Clock
Operation
30
Modification of figures of AC Timing Test Point and External Main System
Clock Timing
31
Modification of figure of AC Timing Test Point
31
Modification of description and Note 2 in (1) During communication at same
potential (UART mode)
32
Modification of description in (2) During communication at same potential (CSI
mode)
33
Modification of description in (3) During communication at same potential (CSI
mode)
34
Modification of description in (4) During communication at same potential (CSI
mode)
36
Modification of table and Note 2 in (5) During communication at same
potential (simplified I2C mode)
38, 39
Modification of table and Notes 1 to 9 in (6) Communication at different
potential
(1.8 V, 2.5 V, 3 V) (UART mode)
40
Modification of Remarks 1 to 3 in (6) Communication at different potential (1.8
V,
2.5 V, 3 V) (UART mode)
41
Modification of table in (7) Communication at different potential (2.5 V, 3 V) (CSI
mode)
42
Modification of Caution in (7) Communication at different potential (2.5 V, 3 V) (CSI
mode)
43
Modification of table in (8) Communication at different potential (1.8 V, 2.5 V, 3
V) (CSI mode) (1/3)
44
Modification of table and Notes 1 and 2 in (8) Communication at different
potential (1.8 V, 2.5 V, 3 V) (CSI mode) (2/3)
45
Modification of table, Note 1, and Caution 1 in (8) Communication at different
potential (1.8 V, 2.5 V, 3 V) (CSI mode) (3/3)
47
Modification of table in (9) Communication at different potential (1.8 V, 2.5 V, 3
V) (CSI mode)
50
Modification of table, Note 1, and Caution 1 in (10) Communication at different
potential (1.8 V, 2.5 V, 3 V) (simplified I2C mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com