Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F103A9ASP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F103A9ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F103A9ASP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F103A9ASP Datasheet HTML 17Page - Renesas Technology Corp R5F103A9ASP Datasheet HTML 18Page - Renesas Technology Corp R5F103A9ASP Datasheet HTML 19Page - Renesas Technology Corp R5F103A9ASP Datasheet HTML 20Page - Renesas Technology Corp R5F103A9ASP Datasheet HTML 21Page - Renesas Technology Corp R5F103A9ASP Datasheet HTML 22Page - Renesas Technology Corp R5F103A9ASP Datasheet HTML 23Page - Renesas Technology Corp R5F103A9ASP Datasheet HTML 24Page - Renesas Technology Corp R5F103A9ASP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
RL78/G12
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 21 of 109
(TA = –40 to +85°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
(3/4)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH1
Normal input buffer
20-, 24-pin products: P00 to P03Note 2, P10 to P14,
P40 to P42
30-pin products: P00, P01, P10 to P17, P30, P31,
P40, P50, P51, P120, P147
0.8VDD
VDD
V
VIH2
TTL input buffer
20-, 24-pin products: P10, P11
30-pin products: P01, P10,
P11, P13 to P17
4.0 V
≤ VDD ≤ 5.5 V
2.2
VDD
V
3.3 V
≤ VDD < 4.0 V
2.0
VDD
V
1.8 V
≤ VDD < 3.3 V
1.5
VDD
V
VIH3
P20 to P23
0.7VDD
VDD
V
VIH4
P60, P61
0.7VDD
6.0
V
VIH5
P121, P122, P125Note 1, P137, EXCLK, RESET
0.8VDD
VDD
V
Input voltage, low
VIL1
Normal input buffer
20-, 24-pin products: P00 to P03Note 2, P10 to P14,
P40 to P42
30-pin products: P00, P01, P10 to P17, P30, P31,
P40, P50, P51, P120, P147
0
0.2VDD
V
VIL2
TTL input buffer
20-, 24-pin products: P10, P11
30-pin products: P01, P10,
P11, P13 to P17
4.0 V
≤ VDD ≤ 5.5 V
0
0.8
V
3.3 V
≤ VDD < 4.0 V
0
0.5
V
1.8 V
≤ VDD < 3.3 V
0
0.32
V
VIL3
P20 to P23
0
0.3VDD
V
VIL4
P60, P61
0
0.3VDD
V
VIL5
P121, P122, P125Note 1, P137, EXCLK, RESET
0
0.2VDD
V
Output voltage, high
VOH1
20-, 24-pin products:
P00 to P03Note 2, P10 to P14,
P40 to P42
30-pin products:
P00, P01, P10 to P17, P30,
P31, P40, P50, P51, P120,
P147
4.0 V
≤ VDD ≤ 5.5 V,
IOH1 = –10.0 mA
VDD–1.5
V
4.0 V
≤ VDD ≤ 5.5 V,
IOH1 = –3.0 mA
VDD–0.7
V
2.7 V
≤ VDD ≤ 5.5 V,
IOH1 = –2.0 mA
VDD–0.6
V
1.8 V
≤ VDD ≤ 5.5 V,
IOH1 = –1.5 mA
VDD–0.5
V
VOH2
P20 to P23
IOH2 = –100 µA
VDD–0.5
V
Notes 1.
20, 24-pin products only.
2.
24-pin products only.
Caution The maximum value of VIH of pins P10 to P12 and P41 for 20-pin products, P01, P10 to P12, and P41
for 24-pin products, and P00, P10 to P15, P17, and P50 for 30-pin products is VDD even in N-ch open-
drain mode.
High level is not output in the N-ch open-drain mode.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com