Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTL3VGAMF-10 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CTL3VGAMF-10
Description  CA SVGA HD15 M/HD15 F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CTL3VGAMF-10 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CTL3VGAMF-10 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D.CASTRO
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
G
8
MAY OCCUR
T CLARK
CTL3VGAMF
11
4/23/2001
REVISIONS
DESCRIPTION
APPROVED
REV
CTL3VGAMF.SLDDRW
DATE
R CARRICK
4/27/2001
11/14/08
E
F
ECN 3709: ADDED 3.0 LENGTH
ECN 3782: FIXED TWISTED PAIR IN WIRING MAP
1/6/09
D.CASTRO
4/23/2001
G
ECN 6638: UPDATED FORMAT, PACKAGING, AND LOGOS
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
1/28/13
43321
AUDIO/VIDEO
PROJECTION
CA SVGA HD15 M/HD15 F
D PARHAM
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
LIGHT GRAY (PANTONE 400C)
2X #4-40 UNC-2B
BRAID SHIELD AND DRAIN WIRE.
THUMBSCREW,
PVC, LIGHT GRAY (PANTONE 400C)
SHIELDING,
360
2X MOLDED HOOD WITH
HEX STANDOFF
JACKET: PVC, LIGHT GRAY (PANTONE 400C)
UL 2919,
THREE 75 OHM 28 AWG INDIVIDUALLY SHIELDED COAXIAL CONDUCTORS,
WITH ALUMINUM/POLYESTER FOIL SHIELD.
FOUR TWISTED PAIRS 26 AWG AND TWO CONDUCTORS 26 AWG,
WITH OVERALL ALUMINUM/POLYESTER FOIL SHIELD PLUS TINNED COPPER
4X #4-40 UNC-2A
2X, L-COM LOGO
BOTH SIDES
LENGTH
D-SUB CONNECTOR
PIN 1
15 PIN MALE
HIGH DENSITY
"P1"
PIN 1
D-SUB CONNECTOR
"J1"
HIGH DENSITY
15 CONTACT FEMALE
G
G
RoHS Compliant 
WITH L-COM SPECIFICATION PS-0031.
SHELL
1
6
2
7
3
8
4
5
11
12
15
10
14
9
13
SHELL
RED/PINK-IN
GREEN/GRAY-GND
GREEN/GRAY-IN
RED/PINK-GND
BLUE/LT. BLUE-IN
BLUE/LT. BLUE-GND
RED
ORANGE
BLACK
BROWN
LT. GREEN
WHITE
YELLOW
LT. BLUE
PURPLE
GRAY
1
6
2
7
3
8
5
4
11
12
15
10
14
9
13
"P1"
"J1"
WIRING MAP
2. CABLE SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
1. CABLE SHALL BE TESTED FOR CONTINUITY.
NOTES:
PART NUMBER
LENGTH
FEET
METERS
CTL3VGAMF-3
3.0
.91
CTL3VGAMF-5
5.0
1.52
CTL3VGAMF-10
10.0
3.05
CTL3VGAMF-25
25.0
7.62


Similar Part No. - CTL3VGAMF-10

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CTL3VGAMF-10 L-COM-CTL3VGAMF-10 Datasheet
71Kb / 1P
CA SVGA HD15 M/HD15 F
4/23/2001
CTL3VGAMF-10 L-COM-CTL3VGAMF-10 Datasheet
71Kb / 1P
CA SVGA HD15 M/HD15 F
4/23/2001
CTL3VGAMF-100B L-COM-CTL3VGAMF-100B Datasheet
71Kb / 1P
CA SVGA HD15 M/HD15 F
4/23/200
CTL3VGAMF-100B L-COM-CTL3VGAMF-100B Datasheet
71Kb / 1P
CA SVGA HD15 M/HD15 F
4/23/2001
CTL3VGAMF-100B L-COM-CTL3VGAMF-100B Datasheet
71Kb / 1P
CA SVGA HD15 M/HD15 F
4/23/2001
More results

Similar Description - CTL3VGAMF-10

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P510006 TRIPPLITE-P510006 Datasheet
490Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M-F), 6-ft
P510010 TRIPPLITE-P510010 Datasheet
490Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F),10-ft
P510025 TRIPPLITE-P510025 Datasheet
490Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M-F),25-ft
P516001HR TRIPPLITE-P516001HR Datasheet
482Kb / 2P
VGA Monitor Y Splitter Cable, High Resolution (HD15 M to 2x HD15 F), 1-ft
P510-006 TRIPPLITE-P510-006 Datasheet
161Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F), 6-ft.
P510-010 TRIPPLITE-P510-010 Datasheet
161Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F), 10-ft.
P510-025 TRIPPLITE-P510-025 Datasheet
161Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F), 25-ft.
P516-001-HR TRIPPLITE-P516-001-HR Datasheet
157Kb / 2P
VGA Monitor Y Splitter Cable, High Resolution (HD15 M to 2x HD15 F), 1-ft.
P516-006-HR TRIPPLITE-P516-006-HR Datasheet
167Kb / 2P
High Resolution VGA Monitor Y Splitter Cable (HD15 M to 2x HD15 F), 6-ft.
P120-000 TRIPPLITE-P120-000 Datasheet
175Kb / 2P
DVI to VGA Cable Adapter (DVI-A to HD15 M/F)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com