Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD141DR Datasheet(PDF) 4 Page - LightGraphix

Part # LD141DR
Description  DEEP RECESSED COMPACT EXTERIOR RECESSED LED UPLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD141DR Datasheet(HTML) 4 Page - LightGraphix

  LD141DR Datasheet HTML 1Page - LightGraphix LD141DR Datasheet HTML 2Page - LightGraphix LD141DR Datasheet HTML 3Page - LightGraphix LD141DR Datasheet HTML 4Page - LightGraphix LD141DR Datasheet HTML 5Page - LightGraphix LD141DR Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LD141DR
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 6 | Data sheet issued: 22 May 2026
LD141DR
DIMENSIONS AND FIXING ACCESSORIES
Dimensions in mm
/441N
Concrete housing with 1x PG9 IP67 gland
/441N-2
Concrete housing with 2x PG9 IP67 gland
/SC Sping clips
Suitable for use in surfaces with a thickness of 1mm – 25mm. Spring clips provide a simple,
single fix mounting method. We recommend that spring clips are only used in interior
applications. Weight: 0.05kg
/441S First fix Sleeve
The fitting is supplied as standard with a fixing sleeve; this is bonded into the mounting
surface first. The LD151 is secured into the sleeve by 2 ‘O’ rings on the body. When pushed
into the sleeve it creates a watertight seal. Weight: 0.18kg
Ø50
Ø57
Cut-out
101.7
91.7
Ø64
3
52.5
LD141DRX-/SC
2.5
53
Ø64
92
102
Ø50
Ø57
Cut-out
LD141DRX-/441S
101.7
91.7
Ø64
Ø50
Ø57
Cut-out
3
52.5
2.5
53
Ø64
92
102
Ø50
Ø57
Cut-out
/441N or /441N-2 Concrete housing
The aluminium housing is used as a heat sink which keeps the LED fitting cool through the
thermal transfer of the heat within the housing to the surrounding concrete.The housings are big
enough for IP rated connections to be made inside the housing and a second gland is available for
cabling onto the next luminaire. Weight: 2.90kg
/441GT Ground tube
The in-ground tube has been designed for applications where a recessed uplight is required
in soil or gravel surfaces. The tube can be buried with the necessary wiring, and then the
fitting installed after the landscaping work has been completed. It is supplied with the fixing
sleeve bonded into the tube and can be cut down on site. Weight: 1.26kg
LD141DRX-/441GT
120
91.7
Ø64
Ø50
Ø57
Cut-out
3
52.5
2.5
53
Ø64
92
120
Ø50
Ø60
Cut-out
LD141DRX-/441N & /441N-2
111
Ø64
Ø50
3
27.05
Ø170
23.6
Ø64
111
Ø50
Ø170
28
24
2.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com