Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F1211CASP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F1211CASP
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1211CASP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F1211CASP Datasheet HTML 69Page - Renesas Technology Corp R5F1211CASP Datasheet HTML 70Page - Renesas Technology Corp R5F1211CASP Datasheet HTML 71Page - Renesas Technology Corp R5F1211CASP Datasheet HTML 72Page - Renesas Technology Corp R5F1211CASP Datasheet HTML 73Page - Renesas Technology Corp R5F1211CASP Datasheet HTML 74Page - Renesas Technology Corp R5F1211CASP Datasheet HTML 75Page - Renesas Technology Corp R5F1211CASP Datasheet HTML 76Page - Renesas Technology Corp R5F1211CASP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 85 page
background image
RL78/G16
3. ELECTRICAL SPECIFICATIONS (TA
= −40 to +105°C, TA = −40 to +125°C)
R01DS0431EJ0130
Rev.1.30
Page 73 of 85
May 19, 2025
3.8
Flash Memory Programming Characteristics
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Number of code flash rewrites
Note 1, Note 2
Cerwr
Retained for 20 years
TA = +85°C
Note 3
1000
Times
Number of data flash rewrites
Note 1, Note 2
Retained for 1 year
TA = +25°C
1,000,000
Times
Retained for 5 years
TA = +85°C
Note 3
100,000
Times
Retained for 20 years
TA = +85°C
Note 3
10,000
Times
Note 1.
1 erase + 1 write after the erase is regarded as 1 rewrite. The retaining years are until next rewrite after the
rewrite.
Note 2.
These are the characteristics of the flash memory and the results obtained from reliability testing by Renesas
Electronics.
Note 3.
This temperature is the average value at which data are retained.
Code flash/data flash self-programming time
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
fCLK = 1 MHz
fCLK = 16 MHz
Unit
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Writing (4 bytes)
tP4
104
905
53.8
504.9
µs
Block erasure (1 KB)
tE1K
7.9
262.3
5.5
214.1
ms
Caution
The listed values do not include the time until the operations of the flash memory start following
execution of an instruction by software.
3.9
Dedicated Flash Memory Programmer Communication (UART)
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Transfer rate
115,200
bps
Remark
The transfer rate during flash memory programming is fixed to 115,200 bps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com