Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F1211AASP Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F1211AASP
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1211AASP Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F1211AASP Datasheet HTML 36Page - Renesas Technology Corp R5F1211AASP Datasheet HTML 37Page - Renesas Technology Corp R5F1211AASP Datasheet HTML 38Page - Renesas Technology Corp R5F1211AASP Datasheet HTML 39Page - Renesas Technology Corp R5F1211AASP Datasheet HTML 40Page - Renesas Technology Corp R5F1211AASP Datasheet HTML 41Page - Renesas Technology Corp R5F1211AASP Datasheet HTML 42Page - Renesas Technology Corp R5F1211AASP Datasheet HTML 43Page - Renesas Technology Corp R5F1211AASP Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
RL78/G16
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C)
R01DS0431EJ0130
Rev.1.30
Page 40 of 85
May 19, 2025
Note 4.
External loads on P60 and P61 in
the case of the SOp output line: R = 1 kΩ, C = 30 pF
Remark 1.
p: CSI number (p = 00, 11, 20), n: Channel number (n = 0, 1)
Remark 2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by serial clock select register 0 (SPS0) and the CKS0n bit of serial mode
register 0n (SMR0n). n: Channel number (n = 0, 1))
Simplified SPI (CSI) mode connection diagram
RL78
microcontroller
User device
SCKp
SOp
SCK
SI
SIp
SO
Simplified SPI (CSI) mode serial transfer timing
(When DAP0n = 0 and CKP0n = 0, or DAP0n = 1 and CKP0n = 1)
Input data
SIp
SOp
tKCY1, 2
tKL1, 2
tKH1, 2
tSIK1, 2
tKSI1, 2
tKSO1, 2
SCKp
Output data
Remark
p: CSI number (p = 00, 11, 20), n: Channel number (n = 0, 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com