Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF24-MPF308OM4R Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # MPF24-MPF308OM4R
Description  REV A DRAWING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

MPF24-MPF308OM4R Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  MPF24-MPF308OM4R Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
0.6m
2ft
SHRINK TUBE,
BLACK
24 FIBER ROUND CABLE
50/125 MULTIMODE OM4
OFNR (RISER) RATED
COLOR: AQUA
J2
MPO FEMALE
12 FIBER CONNECTOR
J1
MPO FEMALE
24 FIBER CONNECTOR
KEY UP
J1 LABEL
J2 LABEL
J3 LABEL
J4 LABEL
J4
MPO FEMALE
12 FIBER CONNECTOR
8 FIBER ROUND CABLE
50/125 MULTIMODE OM4
OFNR (RISER) RATED
COLOR: AQUA
J3
MPO FEMALE
12 FIBER CONNECTOR
KEY UP
KEY UP
KEY UP
FIBER #1
FIBER #1
FIBER #1
FIBER #1
WIRING MAP
J1
COLOR
J2 J3 J4
1
BLUE
12
2
ORANGE
11
3
GREEN
10
4
BROWN
9
5
GRAY
12
6
WHITE
11
7
RED
10
8
BLACK
9
9
YELLOW
12
10
PURPLE
11
11
ROSE
10
12
AQUA
9
13
BLUE/BLACK
4
14
ORANGE/BLACK
3
15
GREEN/BLACK
2
16
BROWN/BLACK
1
17
GRAY/BLACK
4
18
WHITE/BLACK
3
19
RED/BLACK
2
20
BLACK / WHITE
1
21
YELLOW/BLACK
4
22
PURPLE/BLACK
3
23
ROSE/BLACK
2
24
AQUA/BLACK
1
PART NUMBER
METERS (FEET)
MPF24-MPF308OM4R-1
1.0 (3.28)
MPF24-MPF308OM4R-3
3.0 (9.84)
MPF24-MPF308OM4R-5
5.0 (16.40)
MPF24-MPF308OM4R-10 10.0 (32.81)
PART NUMBER
N/A
1
1
REV
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
CAGE
43321
SIZE
SCALE
THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT
ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW PROHIBITED.
A
SHEET
OF
THIRD-ANGLE PROJECTION
DRAWN BY
ALL DIMENSIONS SHOWN
ARE FOR REFERENCE ONLY.
MPF24-MPF308OM4R
A
50 High Street, West Mill, 3rd Floor, Suite #30
North Andover, MA 01845 USA.
Phone: 1.800.341.5266 │ 1.978.682.6936
Fax: 1.978.689.9484
www.L-com.com │e-mail: CustomerService@L-com.com
THE INFORMATION AND
DESIGN IN THIS DOCUMENT
IS THE PROPERTY OF
L-COM GLOBAL CONNECTIVITY.
ALL RIGHTS RESERVED.
TOLERANCES:
.XXX=± .005 [ .13 ]
.01 [ .25 ]
.XX=±
.X=± .2 [5.08]
FRACTIONS
± 1/32
ANGLES ± 1
°
T.Rev-B
DZINN
PHOSPODAR
REV A DRAWING RELEASED
A
03/28/19
DATE
REV
APPROVED
DESCRIPTION
REVISIONS


Similar Part No. - MPF24-MPF308OM4R

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MPF24-MPF308OM4Z L-COM-MPF24-MPF308OM4Z Datasheet
101Kb / 1P
REV A DRAWING
03/28/19
MPF24-MPF308OM4Z-1 L-COM-MPF24-MPF308OM4Z-1 Datasheet
101Kb / 1P
REV A DRAWING
03/28/19
MPF24-MPF308OM4Z-10 L-COM-MPF24-MPF308OM4Z-10 Datasheet
101Kb / 1P
REV A DRAWING
03/28/19
MPF24-MPF308OM4Z-3 L-COM-MPF24-MPF308OM4Z-3 Datasheet
101Kb / 1P
REV A DRAWING
03/28/19
MPF24-MPF308OM4Z-5 L-COM-MPF24-MPF308OM4Z-5 Datasheet
101Kb / 1P
REV A DRAWING
03/28/19
More results

Similar Description - MPF24-MPF308OM4R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C662 MICROCHIP-PIC16C662 Datasheet
65Kb / 4P
PIC16C662 Rev. A Silicon Errata Sheet
1998 - 1999
PIC16C642 MICROCHIP-PIC16C642 Datasheet
63Kb / 5P
PIC16C642 Rev. A Silicon Errata Sheet
1998 - 2002
logo
Tyco Electronics
SR6DM MACOM-SR6DM Datasheet
170Kb / 2P
Rev. EK1
logo
Asahi Kasei Microsystem...
AKD4128A-A AKM-AKD4128A-A Datasheet
2Mb / 52P
AK4128A-A Evaluation Board Rev.0
logo
Microchip Technology
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
logo
List of Unclassifed Man...
STK-070R ETC2-STK-070R Datasheet
665Kb / 9P
STK-070R Rev A
logo
Microchip Technology
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
PIC10F220/222 Rev. A Silicon Errata
02/16/06
logo
List of Unclassifed Man...
LPC1788 ETC2-LPC1788 Datasheet
349Kb / 6P
OEM Board DS rev A DS
LPC4088 ETC2-LPC4088 Datasheet
352Kb / 6P
OEM Board DS rev A DS
logo
Microchip Technology
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
64Kb / 4P
PIC16CR83 Rev. A Silicon Errata Sheet
11/15/99
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com