Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T02 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48T02
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48T02 Datasheet HTML 2Page - STMicroelectronics M48T02 Datasheet HTML 3Page - STMicroelectronics M48T02 Datasheet HTML 4Page - STMicroelectronics M48T02 Datasheet HTML 5Page - STMicroelectronics M48T02 Datasheet HTML 6Page - STMicroelectronics M48T02 Datasheet HTML 7Page - STMicroelectronics M48T02 Datasheet HTML 8Page - STMicroelectronics M48T02 Datasheet HTML 9Page - STMicroelectronics M48T02 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
M48T02, M48T12
6/19
Table 5. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
2. Outputs deselected.
3. Measured with Control Bits set as follows: R = '1'; W, ST, FT = '0.'
4. Negative spikes of –1V allowed for up to 10ns once per Cycle.
OPERATION MODES
As Figure 4, page 4 shows, the static memory ar-
ray and the quartz controlled clock oscillator of the
M48T02/12 are integrated on one silicon chip. The
two circuits are interconnected at the upper eight
memory locations to provide user accessible
BYTEWIDE™ clock information in the bytes with
addresses 7F8h-7FFh. The clock locations con-
tain the year, month, date, day, hour, minute, and
second in 24 hour BCD format. Corrections for 28,
29 (leap year - valid until 2100), 30, and 31 day
months are made automatically.
Byte 7F8h is the clock control register. This byte
controls user access to the clock information and
also stores the clock calibration setting.
The eight clock bytes are not the actual clock
counters themselves; they are memory locations
consisting of BiPORT™ READ/WRITE memory
cells. The M48T02/12 includes a clock control cir-
cuit which updates the clock bytes with current in-
formation once per second. The information can
be accessed by the user in the same manner as
any other location in the static memory array.
The M48T02/12 also has its own Power-fail Detect
circuit. The control circuitry constantly monitors
the single 5V supply for an out of tolerance condi-
tion. When VCC is out of tolerance, the circuit write
protects the SRAM, providing a high degree of
data security in the midst of unpredictable system
operation brought on by low VCC. As VCC falls be-
low approximately 3V, the control circuitry con-
nects the battery which maintains data and clock
operation until valid power returns.
Table 6. Operating Modes
Note: X = VIH or VIL; VSO = Battery Back-up Switchover Voltage.
1. See Table 10, page 11 for details.
Symbol
Parameter
Test Condition(1)
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(2)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC
Supply Current
Outputs open
80
mA
ICC1
(3)
Supply Current (Standby) TTL
E = VIH
3mA
ICC2
(3)
Supply Current (Standby) CMOS
E = VCC – 0.2V
3mA
VIL
(4)
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
V
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.75 to 5.5V
or
4.5 to 5.5V
VIH
X
X
High Z
Standby
WRITE
VIL
X
VIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD(min)
(1)
X
X
X
High Z
CMOS Standby
Deselect
≤ VSO(1)
X
X
X
High Z
Battery Back-up Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com