Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTL3VGAMM-15TP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CTL3VGAMM-15TP
Description  THIN-LINE PLENUM VIDEO CABLE ASSEMBLY M/M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CTL3VGAMM-15TP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CTL3VGAMM-15TP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOUNTING HARDWARE DETAIL
AA
.010
HEX SCREW LOCKS MOUNTED IN THE CAPTIVE NUTS
X .120 DEEP
OF THE CONNECTOR.
4-40 THREAD
CABLES ARE SHIPPED WITH THUMBSCREWS INSTALLED
AND FOUR HEX SCREW LOCKS FOR OPTIONAL USE.
THUMBSCREWS MAY BE REMOVED EASILY AND THE
SECTION A-A
SCALE: 1:2
NICKEL PLATED
4X, 4-40 UNC-2A
KNURLED THUMBSCREW,
NINE 30 AWG COPPER CONDUCTORS,
PVC JACKET, PLENUM, BLACK
THREE 32 AWG, 75 OHM COAXIAL LINES,
2X MOLDED HOOD,
PVC, BLACK
LENGTH
"P1"
D-SUB CONNECTOR
HIGH DENSITY
2X 15-PIN MALE
PIN 1
"P2"
PIN 1
3BLUE-IN
WIRING MAP
RED-GND
RED-IN
GREEN-GND
GREEN-IN
BLUE-GND
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN
BLUE
WHITE
GRAY
1
6
2
7
1
8
4
13
SHELL
10
11
12
13
14
15
SHELL
5
15
14
3
12
11
10
9
5
4
8
"P1"
7
2
6
9
"P2"
UNLESS OTHERWISE SPECIFIED,
C. McCORMICK
A
B
C
D. PARHAM
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CTL3VGAMM-TP
G
CTL3VGAMM-TP.SLDDRW
11
01/08/2003
REVISIONS
DESCRIPTION
APPROVED
REV
MAY OCCUR
DATE
R. CARRICK
01/10/2003
6/30/08
E
F
ECN 3425: CN RELEASE
ECN 3450: DELETED HEX SCREW DIMS
8/6/08
D.CASTRO
D.CASTRO
G
ECN 6807: REVISED L-COM LOGO'S, NEW FORMAT, REVISED PACKAGING
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
4/19/13
DIMENSIONS ARE IN INCHES [mm]
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
THIN-LINE PLENUM VIDEO CABLE ASSEMBLY M/M
AUDIO/VIDEO
PROJECTION
01/07/2003
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RoHS Compliant 
NOTES:
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
MODEL NUMBER
LENGTH
FEET [METERS]
CTL3VGAMM-5TP
5.0 [1.52]
CTL3VGAMM-10TP
10.0 [3.05]
CTL3VGAMM-15TP
15.0 [4.57]
CTL3VGAMM-25TP
25.0 [7.62]
CTL3VGAMM-50TP
50.0 [15.24]
G
G
G
G


Similar Part No. - CTL3VGAMM-15TP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CTL3VGAMM-15TP L-COM-CTL3VGAMM-15TP Datasheet
71Kb / 1P
THIN-LINE PLENUM VIDEO CABLE ASSEMBLY M/M
01/07/2003
CTL3VGAMM-15TP L-COM-CTL3VGAMM-15TP Datasheet
71Kb / 1P
THIN-LINE PLENUM VIDEO CABLE ASSEMBLY M/M
01/07/2003
CTL3VGAMM-15TP L-COM-CTL3VGAMM-15TP Datasheet
71Kb / 1P
THIN-LINE PLENUM VIDEO CABLE ASSEMBLY M/M
01/07/2003
More results

Similar Description - CTL3VGAMM-15TP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A004-012 ETC2-A004-012 Datasheet
472Kb / 2P
Composite Video Gold Cable (RCA M/M), 12-ft
logo
Tripp Lite. All Rights ...
P568050P TRIPPLITE-P568050P Datasheet
483Kb / 2P
High Speed HDMI Plenum Rated Cable, Digital Video with Audio (M-M), 50-ft
A004006 TRIPPLITE-A004006 Datasheet
471Kb / 2P
Composite Video Gold Cable (RCA M-M), 6-ft.
A008006 TRIPPLITE-A008006 Datasheet
474Kb / 2P
Component Video Gold Cable (3xRCA M-M), 6-ft
A012006 TRIPPLITE-A012006 Datasheet
473Kb / 2P
S-Video Gold Cable (MD4 M-M), 6-ft
A012012 TRIPPLITE-A012012 Datasheet
474Kb / 2P
S-Video Gold Cable (MD4 M-M), 12-ft
A008-006 TRIPPLITE-A008-006 Datasheet
155Kb / 2P
Component Video Gold Cable (3xRCA M/M), 6-ft.
N003-075-BL-P TRIPPLITE-N003-075-BL-P Datasheet
182Kb / 2P
Cat5e Plenum Rated Snagless Patch Cable, (RJ45 M/M ) - Blue, 75-ft.
N201-050-GY-P TRIPPLITE-N201-050-GY-P Datasheet
158Kb / 2P
Cat6 Gigabit Plenum-Rated Snagless Molded Patch Cable, (RJ45 M/M) - Gray, 50-ft.
P568-050-P TRIPPLITE-P568-050-P Datasheet
157Kb / 2P
Standard Speed HDMI Plenum Rated Cable, 1080p, Digital Video with Audio (M/M), 50-ft.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com