Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTLB3VGAMM-25TP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CTLB3VGAMM-25TP
Description  THUMBSCREW FOR THIN-LINE VIDEO MOLDED HOODS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CTLB3VGAMM-25TP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CTLB3VGAMM-25TP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.24
6
.76
19.2
.99
25.1
.24
6.1
4-40 UNC-2A
KNURLED
.04
1
NOTES:
1. MATERIAL: STEEL, NICKEL PLATED.
2. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
3. COMPONENT SHALL BE PACKAGED IN QTY OF 25.
THUMBSCREW WILL FIT THE FOLLOWING:
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CTL-T-SCREW
A
CTL-T-SCREW.SLDDRW
1
1
R.SCOTT
10/24/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.McNEIL
10/24/11
10/25/11
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
THUMBSCREW FOR THIN-LINE
VIDEO MOLDED HOODS
HARDWARE
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
10/24/11
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CTLB3VGAMM-25TP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CTLB3VGAMM-25TP L-COM-CTLB3VGAMM-25TP Datasheet
164Kb / 1P
CA SVGA HD 15 M/M DISCONN, PLENUM
1/7/2003
CTLB3VGAMM-25TP L-COM-CTLB3VGAMM-25TP Datasheet
164Kb / 1P
CA SVGA HD 15 M/M DISCONN, PLENUM
1/7/2003
CTLB3VGAMM-25TP L-COM-CTLB3VGAMM-25TP Datasheet
306Kb / 2P
OUTLINE DRAWING
01/07/2003
More results

Similar Description - CTLB3VGAMM-25TP

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK153-5-R ASSMANN-AK153-5-R Datasheet
118Kb / 1P
Serial Connection Cable, Molded Hoods
AK-CHMF-015-R ASSMANN-AK-CHMF-015-R Datasheet
73Kb / 1P
Cinch Connection Cable, Molded Hoods
AK-CHMF-025-R ASSMANN-AK-CHMF-025-R Datasheet
73Kb / 1P
Cinch Connection Cable, Molded Hoods
AK-CHMM-015 ASSMANN-AK-CHMM-015 Datasheet
66Kb / 1P
Cinch Connection Cable, Molded Hoods
AK-CHMM-025 ASSMANN-AK-CHMM-025 Datasheet
66Kb / 1P
Cinch Connection Cable, Molded Hoods
AK-CHMM-R ASSMANN-AK-CHMM-R Datasheet
66Kb / 1P
Cinch Connection Cable, Molded Hoods
logo
Vishay Siliconix
ORN VISHAY-ORN_17 Datasheet
100Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
02-Sep-11
OSOP VISHAY-OSOP_17 Datasheet
127Kb / 3P
Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
03-Mar-17
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
25-Apr-17
TDP VISHAY-TDP_V01 Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com