Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTLB3VGAMM-15TP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CTLB3VGAMM-15TP
Description  OUTLINE DRAWING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CTLB3VGAMM-15TP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CTLB3VGAMM-15TP Datasheet HTML 1Page - Infinite Electronics International, Inc. CTLB3VGAMM-15TP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LENGTH
12.0
.63
2X .90
2X .70
4X 4-40UNC-2A
4X KNURLED THUMBSCREW
"P3"
"P2"
2
1
"J1"
2X 15 PIN MALE
HIGH DENSITY
D-SUB CONNECTOR
NOTES:
1. SEE SHEET 2 FOR WIRING TABLE.
2. SHRINK TUBING TO BE PLACED ON CABLE (BY
CUSTOMER) PRIOR TO ASSEMBLY. AFTER ASSEMBLY,
SLIDE TUBING OVER CONNECTION AND SHRINK.
3. ITEM 3 PACKAGED WITH CABLE ASSEMBLY (NOT
INSTALLED ON CABLE).
1.35
.58
"P1"
SPECIFICATIONS
CABLE:
CONDUCTORS: THREE 75Ω COAXIAL LINES
NINE 30 AWG COPPER CONDUCTORS
SHIELDING: OVERALL ALUMINIZED POLYESTER SHIELD
PLUS TINNED COPPER BRAID
JACKET: BLACK PLENUM RATED CMP
CONNECTORS:
D-SUB:
INSULATOR: UL94V-0 PLASTIC
CONTACTS: GOLD PLATED
SHELL: TIN FINISH
DISCONNECTS:
16 POSITION, .079" (2mm) PITCH
HOODS:
MOLDED BLACK PLENUM RATED PVC (REF MTN-006)
THUMBSCREWS: NICKEL PLATED
DISCONNECT STRAIN RELIEFS:
MOLDED BLACK PLENUM RATED PVC
(REF MTN-034 AND MTN-035)
REFERENCE L-COM CABLE SPECIFICATION CTL3VGA-TP-CS1
2X .40
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
OUTLINE DRAWING
A
B
C
D
1
2
3
4
5
6
7
8
CTLB3VGAMM-15TP
L
CTLB3VGAMM-15TP.SLDDRW
1
2
D PARHAM
01/07/2003
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
C McCORMICK
R CARRICK
01/08/2003
03/28/03
10/25/07
L
-
ECN 3056: 2" SHRINK TUBING WAS 1"
-
-
D.CASTRO
-
-
-
-
-
CABLE LENGTH TOLERANCE
<300" ±5% >300" ±2%
DRAWING TITLE
PRODUCT DESCRIPTION
THIN-LINE PLENUM VIDEO CABLE ASSEMBLY
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES
TOLERANCES ARE:
.X .1
.XX .05
.XXX .005
-
-
-
-
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321


Similar Part No. - CTLB3VGAMM-15TP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CTLB3VGAMM-15TP L-COM-CTLB3VGAMM-15TP Datasheet
164Kb / 1P
CA SVGA HD 15 M/M DISCONN, PLENUM
1/7/2003
CTLB3VGAMM-15TP L-COM-CTLB3VGAMM-15TP Datasheet
164Kb / 1P
CA SVGA HD 15 M/M DISCONN, PLENUM
1/7/2003
CTLB3VGAMM-15TP L-COM-CTLB3VGAMM-15TP Datasheet
188Kb / 1P
THUMBSCREW FOR THIN-LINE VIDEO MOLDED HOODS
10/24/11
More results

Similar Description - CTLB3VGAMM-15TP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSU10A40 ETC1-FSU10A40 Datasheet
115Kb / 5P
OUTLINE DRAWING
logo
M/A-COM Technology Solu...
OD-S-30 MA-COM-OD-S-30 Datasheet
392Kb / 3P
Outline Drawing
OD-S-31 MA-COM-OD-S-31 Datasheet
217Kb / 2P
Outline Drawing
OD-S-36 MA-COM-OD-S-36 Datasheet
99Kb / 1P
Outline Drawing
OD-S-111 MA-COM-OD-S-111 Datasheet
132Kb / 1P
Outline Drawing
OD-S-131 MA-COM-OD-S-131 Datasheet
92Kb / 1P
Outline Drawing
OD-S-137 MA-COM-OD-S-137 Datasheet
120Kb / 1P
Outline Drawing
OD-S-144 MA-COM-OD-S-144 Datasheet
113Kb / 1P
Outline Drawing
OD-S-150 MA-COM-OD-S-150 Datasheet
115Kb / 1P
Outline Drawing
OD-S-296 MA-COM-OD-S-296 Datasheet
131Kb / 1P
Outline Drawing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com