Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTLB3VGAMM-25TP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CTLB3VGAMM-25TP
Description  CA SVGA HD 15 M/M DISCONN, PLENUM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CTLB3VGAMM-25TP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CTLB3VGAMM-25TP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[304.8]
12.0
LENGTH
4X KNURLED
THUMBSCREW
"P2"
4X #4-40
"P3"
"J1"
CABLE: THREE 32 AWG, 75 OHM COAXIAL LINES,
NINE 30 AWG COPPER CONDUCTORS, SHIELDED,
JACKET, BLACK PLENUM RATED CMP
4X MOLDED HOOD
PLENUM RATED PVC
(BLACK)
1
2
2X 15 PIN MALE
HIGH DENSITY
D-SUB CONNECTOR
POSITION 1
"P1"
POSITION 1
1
15
16
2
16
15
2
1
RED-IN
RED-GND
GREEN-IN
GREEN-GND
BLUE-IN
BLUE-GND
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN
BLUE
WHITE
GRAY
1
6
2
7
3
8
4
5
9
10
11
12
13
14
15
S
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
"P3"
WIRING MAP
"P1"
RED-IN
RED-GND
GREEN-IN
GREEN-GND
BLUE-IN
BLUE-GND
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN
BLUE
WHITE
GRAY
WIRING MAP
DISCONNECT FEATURE CONNECTORS DETAIL
A
A
3
SECTION A-A
#4-40 THREAD
X .120 DEEP
.010
RoHS Compliant 
NOTES:
SHRINK TUBING TO BE PLACED ON CABLE (BY CUSTOMER) PRIOR TO ASSEMBLY,
AFTER ASSEMBLY, SLIDE TUBING OVER CONNECTION AND SHRINK.
ITEM 3 PACKAGED WITH CABLE ASSEMBLY (NOT INSTALLED ON CABLE).
CABLE ASSEMBLIES SHALL BE TESTED FOR CONTINUITY.
CABLE ASSEMBLIES SHALL BE INDIVIDUALLY PACKAGED IN A POLYBAG.
"J1"
15
16
13
14
11
12
9
10
7
8
5
6
3
4
1
2
"P2"
S
15
14
13
12
11
10
9
5
4
8
3
7
2
6
1
CABLES ARE SHIPPED WITH THUMBSCREWS INSTALLED
AND FOUR HEX SCREWLOCKS FOR OPTIONAL USE.
THUMBSCREWS MAY BE REMOVED EASILY AND
THE HEX SCREWLOCKS MOUNTED IN THE CAPTIVE NUTS
OF THE CONNECTOR.
KIT DETAIL
ITEM
NO. QTY.
DESCRIPTION
1
1
MAIN RUN CABLE
2
1
INTERFACE CABLE
3
4
HEX SCREWLOCK
4
1
SHRINK TUBING:
.75 X
2.40 LONG,
NON-ADHESIVE 2:1
SHRINK RATIO,
COLOR BLACK (NOT
SHOWN)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CTLB3VGAMM-TP
N
CTLB3VGAMM-TP.SLDDRW
1
1
C. McCORMICK
1/8/2003
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R. CARRICK
3/28/2003
10/25/07
L
M
ECN 3056: SHRINK TUBING 2" WAS 1"
ECN 3454: CN RELEASE
7/17/08
D.CASTRO
D.CASTRO
N
ECN 3859: SHRINK SLEEVE 2.40 WAS 2.0
2/23/09
D. CASTRO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
-
-
-
-
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA SVGA HD 15 M/M DISCONN, PLENUM
VIDEO
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. PARHAM
COLOR VARIATIONS
MAY OCCUR
1/7/2003
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2[51] / -0
>60 [1524] ≤120 [3048] = +4 / -0
>120 [3048] ≤300 [7620] = +6 / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = .3
.XX = .15


Similar Part No. - CTLB3VGAMM-25TP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CTLB3VGAMM-25TP L-COM-CTLB3VGAMM-25TP Datasheet
164Kb / 1P
CA SVGA HD 15 M/M DISCONN, PLENUM
1/7/2003
CTLB3VGAMM-25TP L-COM-CTLB3VGAMM-25TP Datasheet
306Kb / 2P
OUTLINE DRAWING
01/07/2003
CTLB3VGAMM-25TP L-COM-CTLB3VGAMM-25TP Datasheet
188Kb / 1P
THUMBSCREW FOR THIN-LINE VIDEO MOLDED HOODS
10/24/11
More results

Similar Description - CTLB3VGAMM-25TP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-1270H ADVANTECH-TPC-1270H Datasheet
764Kb / 2P
12.1 SVGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
logo
Tripp Lite. All Rights ...
P581006VGA TRIPPLITE-P581006VGA Datasheet
503Kb / 2P
DisplayPort to VGA Cable, Displayport with Latches to HD-15 Adapter (M-M), 6-ft
logo
TE Connectivity Ltd
C-2016655 TEC-C-2016655 Datasheet
177Kb / 1P
RF CA,SMA M TO SMA M,WITHOUT ARMOR 18GHz
C-2016656 TEC-C-2016656 Datasheet
179Kb / 1P
RF CA, SMA M TO SMA M,18GHz
C-2016658 TEC-C-2016658 Datasheet
190Kb / 1P
RF CA,PC N M TO PC N M, 18GHz
C-2016661 TEC-C-2016661 Datasheet
183Kb / 1P
RF CA,PC2.4 M TO PC2.4 M, 50GHz
C-2016662 TEC-C-2016662 Datasheet
190Kb / 1P
RF CA,PC2.92 M TO PC2.92 M, 40GHz
C-2016663 TEC-C-2016663 Datasheet
194Kb / 1P
RF CA,PC3.5 M TO PC3.5 M,26.5GHz
logo
Tripp Lite. All Rights ...
U328F-15M TRIPPLITE-U328F-15M Datasheet
169Kb / 2P
USB 3.2 Gen 1 Plenum-Rated Fiber Active Optical Cable (AOC) - A/B M/M, Black, 15 m
P568F-15M-8K6 TRIPPLITE-P568F-15M-8K6 Datasheet
173Kb / 4P
8K HDMI Plenum-Rated Fiber Active Optical Cable (AOC) - 8K UHD @ 60 Hz, HDR, M/M, Black, 15 m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com