Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTLB3VGAMM-15TZ Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CTLB3VGAMM-15TZ
Description  CA SVGA HD15 M/M W/DISCONN, LSZH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CTLB3VGAMM-15TZ Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CTLB3VGAMM-15TZ Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D-SUB CONNECTOR
2X 15 PIN MALE
HIGH DENSITY
POSITION 1
"P1"
NOTES:
SHRINK TUBING TO BE PLACED ON CABLE (BY CUSTOMER) PRIOR TO ASSEMBLY,
AFTER ASSEMBLY, SLIDE TUBING OVER CONNECTION AND SHRINK.
ITEM 3 PACKAGED WITH CABLE ASSEMBLY (NOT INSTALLED ON CABLE).
CABLE ASSEMBLIES SHALL BE TESTED FOR CONTINUITY.
CABLE ASSEMBLIES SHALL BE INDIVIDUALLY PACKAGED IN A POLYBAG.
KIT DETAIL
ITEM
NO. QTY.
DESCRIPTION
1
1
MAIN RUN CABLE
2
1
INTERFACE CABLE
3
4
HEX SCREWLOCK
4
1
SHRINK TUBING:
.75 X
2.40 LONG,
NON-ADHESIVE 2:1
SHRINK RATIO,
COLOR BLACK (NOT
SHOWN)
"J1"
15
16
13
14
11
12
9
10
7
8
5
6
3
4
1
2
"P2"
S
15
14
13
12
11
10
9
5
4
8
3
7
2
6
1
CABLES ARE SHIPPED WITH THUMBSCREWS INSTALLED
AND FOUR HEX SCREWLOCKS FOR OPTIONAL USE.
THUMBSCREWS MAY BE REMOVED EASILY AND
THE HEX SCREWLOCKS MOUNTED IN THE CAPTIVE NUTS
OF THE CONNECTOR.
LSZH CABLE CHARACTERISTICS:
FLAME RATING: IEC 60332-1
CORROSIVE GAS: IEC 60754
SMOKE EMISSION: IEC 61034
G
G
°
ECN 10839; REVISE YELLOW COAX TO GREEN COAX,ADD LSZH CBL CHARACTERISTICS TO
07/14/2005
OVERALL CABLE LENGTH TOLERANCE:
A
B
C
D
SCALE:
SIZE
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
D. CASTRO
D. PARHAM
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
MAY OCCUR
6
7
8
1
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
1
M.LAHEY
08/10/2005
REVISIONS
DESCRIPTION
F
G
08/10/2005
APPROVED
REV
2/23/09
E
ECN 8530; CHANGED GREEN COAX TO YELLOW COAX, NEW FORMAT
DATE
CTLB3VGAMM-TZ
ECN 3859: SHRINK SLEEVE 2.40 WAS 2.0
ANGLES ± 1
± 1/32
10/26/2016
DWG,NEW FORMAT
12/10/2020 M.BLACKWOOD
NONE
FRACTIONS
1.978.682.6936
-
B.ZHANG
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PRODUCT DESCRIPTION
MAY VARY
CAGE CODE
DIMENSIONS ARE IN INCHES [mm]
AUDIO/VIDEO
G
CA SVGA HD15 M/M W/DISCONN, LSZH
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
-
ALL OTHER DIMENSIONAL TOLERANCES:
50 High Street, West Mill,
Phone: 1.800.341.5266
>120 [3048] ≤300 [7620] = +6 [152] / -0
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
T-Rev.D
>60 [1524] ≤120 [3048] = +4 [102] / -0
THIRD-ANGLE PROJECTION
-
CONFIGURATION DETAILS OF
>12 [305] ≤60 [1524] = +2 [51] / -0
CATEGORY
43321
CAD FILE: CTLB3VGAMM-TZ.SLDDRW
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
ZERO HALOGEN THERMOPLASTIC
CABLE: THREE 32 AWG, 75 OHM COAXIAL LINES,
"J1"
"P2"
JACKET, BLACK LOW SMOKE ZERO HALOGEN
NINE 30 AWG COPPER CONDUCTORS, SHIELDED,
1
"P3"
2
4X MOLDED HOOD
BLACK, LOW SMOKE
G
12.0
[304.8]
LENGTH
4X, #4-40 UNC-2A
KNURLEDTHUMBSCREW
1
15
16
2
POSITION 1
1
"P3"
WIRING MAP
RED-IN
RED-GND
GREEN-IN
GREEN-GND
BLUE-IN
BLUE-GND
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN
BLUE
PURPLE
GRAY
1
6
2
7
3
8
4
5
9
10
11
12
13
14
15
S
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
"P1"
16
15
2
1
BLUE
PURPLE
GRAY
RED-IN
RED-GND
GREEN-IN
GREEN-GND
BLUE-IN
BLUE-GND
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN
WIRING MAP
DISCONNECT FEATURE CONNECTORS DETAIL
3
A
A
SECTION A-A
#4-40 THREAD
X .120 DEEP
.010
CTLB3VGAMM-15TZ
15 [4.57]
CTLB3VGAMM-20TZ
20 [6.10]
CTLB3VGAMM-25TZ
25 [7.62]
CTLB3VGAMM-50TZ
50 [15.24]
CTLB3VGAMM-75TZ
75 [22.86]
PART NUMBER
LENGTH
FEET [METERS]


Similar Part No. - CTLB3VGAMM-15TZ

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CTLB3VGAMM-15TZ L-COM-CTLB3VGAMM-15TZ Datasheet
265Kb / 1P
CA SVGA HD15 M/M W/DISCONN, LSZH
07/14/2005
CTLB3VGAMM-15TZ L-COM-CTLB3VGAMM-15TZ Datasheet
265Kb / 1P
CA SVGA HD15 M/M W/DISCONN, LSZH
07/14/2005
CTLB3VGAMM-15TZ L-COM-CTLB3VGAMM-15TZ Datasheet
265Kb / 1P
CA SVGA HD15 M/M W/DISCONN, LSZH
07/14/2005
CTLB3VGAMM-15TZ L-COM-CTLB3VGAMM-15TZ Datasheet
265Kb / 1P
CA SVGA HD15 M/M W/DISCONN, LSZH
07/14/2005
More results

Similar Description - CTLB3VGAMM-15TZ

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P158000 TRIPPLITE-P158000 Datasheet
486Kb / 2P
Compact-Slimline VGA Video Gender Changer (HD15 M-M)
P504003SM TRIPPLITE-P504003SM Datasheet
479Kb / 2P
Low-Profile High Resolution SVGA-VGA Monitor Cable with Audio and RGB Coax (HD15 M-M), 3-ft
P512006 TRIPPLITE-P512006 Datasheet
487Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M-M), 6-ft
P512010 TRIPPLITE-P512010 Datasheet
487Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M-M), 10-ft
P512015 TRIPPLITE-P512015 Datasheet
487Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M-M), 15-ft
P504-003-SM TRIPPLITE-P504-003-SM Datasheet
158Kb / 2P
Low-Profile High Resolution SVGA/VGA Monitor Cable with Audio and RGB Coax (HD15 M/M), 3-ft.
P504-050-EZ TRIPPLITE-P504-050-EZ Datasheet
160Kb / 2P
High Resolution SVGA/VGA Monitor Easy Pull Cable with Audio and RGB Coax (HD15 M/M), 50-ft.
P504-100-EZ TRIPPLITE-P504-100-EZ Datasheet
160Kb / 2P
High Resolution SVGA/VGA Monitor Easy Pull Cable with Audio and RGB Coax (HD15 M/M), 100-ft.
P512-006 TRIPPLITE-P512-006 Datasheet
159Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M/M), 6-ft.
P512-015 TRIPPLITE-P512-015 Datasheet
160Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M/M), 15-ft.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com