| Electronic Components Datasheet Search |
|
CTLB3VGAMM-25TZ Datasheet(PDF) 1 Page - Infinite Electronics International, Inc. |
|
|
|||||||||||||||||||||||||||||
CTLB3VGAMM-25TZ Datasheet(HTML) 1 Page - Infinite Electronics International, Inc. |
|
|
1 / 1 page ![]() D-SUB CONNECTOR 2X 15 PIN MALE HIGH DENSITY POSITION 1 "P1" NOTES: SHRINK TUBING TO BE PLACED ON CABLE (BY CUSTOMER) PRIOR TO ASSEMBLY, AFTER ASSEMBLY, SLIDE TUBING OVER CONNECTION AND SHRINK. ITEM 3 PACKAGED WITH CABLE ASSEMBLY (NOT INSTALLED ON CABLE). CABLE ASSEMBLIES SHALL BE TESTED FOR CONTINUITY. CABLE ASSEMBLIES SHALL BE INDIVIDUALLY PACKAGED IN A POLYBAG. KIT DETAIL ITEM NO. QTY. DESCRIPTION 1 1 MAIN RUN CABLE 2 1 INTERFACE CABLE 3 4 HEX SCREWLOCK 4 1 SHRINK TUBING: .75 X 2.40 LONG, NON-ADHESIVE 2:1 SHRINK RATIO, COLOR BLACK (NOT SHOWN) "J1" 15 16 13 14 11 12 9 10 7 8 5 6 3 4 1 2 "P2" S 15 14 13 12 11 10 9 5 4 8 3 7 2 6 1 CABLES ARE SHIPPED WITH THUMBSCREWS INSTALLED AND FOUR HEX SCREWLOCKS FOR OPTIONAL USE. THUMBSCREWS MAY BE REMOVED EASILY AND THE HEX SCREWLOCKS MOUNTED IN THE CAPTIVE NUTS OF THE CONNECTOR. LSZH CABLE CHARACTERISTICS: FLAME RATING: IEC 60332-1 CORROSIVE GAS: IEC 60754 SMOKE EMISSION: IEC 61034 G G ° ECN 10839; REVISE YELLOW COAX TO GREEN COAX,ADD LSZH CBL CHARACTERISTICS TO 07/14/2005 OVERALL CABLE LENGTH TOLERANCE: A B C D SCALE: SIZE DWG. NO. A SHEET OF REV. DATE APPROVALS DRAWN BY CHECKED BY APPROVED BY 1 2 3 4 5 6 D. CASTRO D. PARHAM COLOR VARIATIONS ≤12 [305] = +1 [25] / -0 WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED. A B C D 1 2 3 4 5 MAY OCCUR 6 7 8 1 PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE 1 M.LAHEY 08/10/2005 REVISIONS DESCRIPTION F G 08/10/2005 APPROVED REV 2/23/09 E ECN 8530; CHANGED GREEN COAX TO YELLOW COAX, NEW FORMAT DATE CTLB3VGAMM-TZ ECN 3859: SHRINK SLEEVE 2.40 WAS 2.0 ANGLES ± 1 ± 1/32 10/26/2016 DWG,NEW FORMAT 12/10/2020 M.BLACKWOOD NONE FRACTIONS 1.978.682.6936 - B.ZHANG 7 8 THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PRODUCT DESCRIPTION MAY VARY CAGE CODE DIMENSIONS ARE IN INCHES [mm] AUDIO/VIDEO G CA SVGA HD15 M/M W/DISCONN, LSZH UNDIMENSIONED FEATURES UNLESS OTHERWISE SPECIFIED, - ALL OTHER DIMENSIONAL TOLERANCES: 50 High Street, West Mill, Phone: 1.800.341.5266 >120 [3048] ≤300 [7620] = +6 [152] / -0 North Andover, MA 01845 USA. >300 [7620] = +5% / -0 T-Rev.D >60 [1524] ≤120 [3048] = +4 [102] / -0 THIRD-ANGLE PROJECTION - CONFIGURATION DETAILS OF >12 [305] ≤60 [1524] = +2 [51] / -0 CATEGORY 43321 CAD FILE: CTLB3VGAMM-TZ.SLDDRW .X = .2 [5] .XX = .02 [.5] .XXX = .005 [.13] ZERO HALOGEN THERMOPLASTIC CABLE: THREE 32 AWG, 75 OHM COAXIAL LINES, "J1" "P2" JACKET, BLACK LOW SMOKE ZERO HALOGEN NINE 30 AWG COPPER CONDUCTORS, SHIELDED, 1 "P3" 2 4X MOLDED HOOD BLACK, LOW SMOKE G 12.0 [304.8] LENGTH 4X, #4-40 UNC-2A KNURLEDTHUMBSCREW 1 15 16 2 POSITION 1 1 "P3" WIRING MAP RED-IN RED-GND GREEN-IN GREEN-GND BLUE-IN BLUE-GND BLACK BROWN RED ORANGE YELLOW GREEN BLUE PURPLE GRAY 1 6 2 7 3 8 4 5 9 10 11 12 13 14 15 S 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 "P1" 16 15 2 1 BLUE PURPLE GRAY RED-IN RED-GND GREEN-IN GREEN-GND BLUE-IN BLUE-GND BLACK BROWN RED ORANGE YELLOW GREEN WIRING MAP DISCONNECT FEATURE CONNECTORS DETAIL 3 A A SECTION A-A #4-40 THREAD X .120 DEEP .010 CTLB3VGAMM-15TZ 15 [4.57] CTLB3VGAMM-20TZ 20 [6.10] CTLB3VGAMM-25TZ 25 [7.62] CTLB3VGAMM-50TZ 50 [15.24] CTLB3VGAMM-75TZ 75 [22.86] PART NUMBER LENGTH FEET [METERS] |
Similar Part No. - CTLB3VGAMM-25TZ |
|
Similar Description - CTLB3VGAMM-25TZ |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |