Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTLF3VGAMM-10 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CTLF3VGAMM-10
Description  CABLE SVGA HD15 M/M WITH FERRITES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CTLF3VGAMM-10 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CTLF3VGAMM-10 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CABLE SVGA HD15 M/M WITH FERRITES
MAY OCCUR
A
B
C
D PARHAM
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
4/23/2001
UNLESS OTHERWISE SPECIFIED,
8
CTLF3VGAMM
G
CTLF3VGAMM.SLDDRW
1
4/23/2001
REVISIONS
DESCRIPTION
APPROVED
REV
1
T. CLARK
DATE
R. CARRICK
4/30/2001
1/6/09
E
F
ECN 3782: FIXED TWISTED PAIR IN WIRING MAP
ECN 4503: ADDED 3 FT & 20 FT NEW LENGTH IN TABLE A
1/19/10
D.CASTRO
D.FRISIELLO
G
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
ECN 6641: ADDED 1 FT LENGTH, REVISED LOGO, FORMAT
1/24/13
DIMENSIONS ARE IN INCHES [mm]
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
AUDIO/VIDEO
PROJECTION
43321
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RoHS Compliant 
13
13
9
14
GREEN/GRAY-IN
WITH L-COM SPECIFICATION PS-0031.
SHELL
1
6
2
7
3
8
4
5
11
12
15
"P2"
10
14
9
"P1"
RED/PINK-IN
SHELL
GREEN/GRAY-GND
ORANGE
BLUE/LT. BLUE-IN
BLUE/LT. BLUE-GND
RED
LT. GREEN
RED/PINK-GND
BROWN
WHITE
BLACK
YELLOW
LT. BLUE
PURPLE
GRAY
1
6
2
7
3
8
5
4
11
12
15
10
NOTES:
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WIRING MAP
G
G
G
TABLE A
PART NUMBER
LENGTH
FEET
METERS
CTLF3VGAMM-1
1.0
.30
CTLF3VGAMM-3
3.0
.91
CTLF3VGAMM-5
5.0
1.52
CTLF3VGAMM-10
10.0
3.05
CTLF3VGAMM-20
20.0
6.09
CTLF3VGAMM-25
25.0
7.62
CTLF3VGAMM-50
50.0
15.24
CTLF3VGAMM-100
100.0
30.48
CTLF3VGAMM-200
200.0
60.96
D-SUB CONNECTOR
"P1"
2X 15 PIN MALE
HIGH DENSITY
POSITION 1
"P2"
POSITION 1
4X, #4-40 UNC-2A
TINNED COPPER BRAIDED WIRE.
THUMBSCREW
2X MOLDED HOOD (BLACK)
360
2X FERRITE CORE WITH
MOLDED PVC COVER (BLACK)
JACKET: PVC, BLACK
SHIELDING
CABLE: UL 2919, THREE 75 OHM COAXIAL CONDUCTORS,
FOUR TWISTED PAIRS, 26 AWG AND TWO CONDUCTORS 26 AWG,
WITH ALUMINUM/POLYESTER FOIL SHIELD AND DRAIN WIRE PLUS
2X, L-COM LOGO
BOTH SIDES
LENGTH
[25.4]
2X 1.0


Similar Part No. - CTLF3VGAMM-10

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CTLF3VGAMM-10 L-COM-CTLF3VGAMM-10 Datasheet
76Kb / 1P
CABLE SVGA HD15 M/M WITH FERRITES
4/23/2001
CTLF3VGAMM-10 L-COM-CTLF3VGAMM-10 Datasheet
76Kb / 1P
CABLE SVGA HD15 M/M WITH FERRITES
4/23/200
CTLF3VGAMM-10 L-COM-CTLF3VGAMM-10 Datasheet
76Kb / 1P
CABLE SVGA HD15 M/M WITH FERRITES
4/23/2001
CTLF3VGAMM-10 L-COM-CTLF3VGAMM-10 Datasheet
76Kb / 1P
CABLE SVGA HD15 M/M WITH FERRITES
4/23/200
CTLF3VGAMM-10 L-COM-CTLF3VGAMM-10 Datasheet
76Kb / 1P
CABLE SVGA HD15 M/M WITH FERRITES
4/23/200
More results

Similar Description - CTLF3VGAMM-10

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P504003SM TRIPPLITE-P504003SM Datasheet
479Kb / 2P
Low-Profile High Resolution SVGA-VGA Monitor Cable with Audio and RGB Coax (HD15 M-M), 3-ft
P512006 TRIPPLITE-P512006 Datasheet
487Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M-M), 6-ft
P512010 TRIPPLITE-P512010 Datasheet
487Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M-M), 10-ft
P512015 TRIPPLITE-P512015 Datasheet
487Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M-M), 15-ft
P504-003-SM TRIPPLITE-P504-003-SM Datasheet
158Kb / 2P
Low-Profile High Resolution SVGA/VGA Monitor Cable with Audio and RGB Coax (HD15 M/M), 3-ft.
P504-050-EZ TRIPPLITE-P504-050-EZ Datasheet
160Kb / 2P
High Resolution SVGA/VGA Monitor Easy Pull Cable with Audio and RGB Coax (HD15 M/M), 50-ft.
P504-100-EZ TRIPPLITE-P504-100-EZ Datasheet
160Kb / 2P
High Resolution SVGA/VGA Monitor Easy Pull Cable with Audio and RGB Coax (HD15 M/M), 100-ft.
P512-006 TRIPPLITE-P512-006 Datasheet
159Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M/M), 6-ft.
P512-010 TRIPPLITE-P512-010 Datasheet
159Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M/M), 10-ft.
P512-015 TRIPPLITE-P512-015 Datasheet
160Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M/M), 15-ft.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com