Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7479 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7479
Description  SINGLE CHIP RDS DEMODULATOR FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7479 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7479 Datasheet HTML 1Page - STMicroelectronics TDA7479 Datasheet HTML 2Page - STMicroelectronics TDA7479 Datasheet HTML 3Page - STMicroelectronics TDA7479 Datasheet HTML 4Page - STMicroelectronics TDA7479 Datasheet HTML 5Page - STMicroelectronics TDA7479 Datasheet HTML 6Page - STMicroelectronics TDA7479 Datasheet HTML 7Page - STMicroelectronics TDA7479 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
TDA7479
December 2004
1
FEATURES
■ VERY HIGH RDS DEMODULATION QUALITY
WITH IMPROVED DIGITAL SIGNAL
PROCESSING
■ HIGH PERFORMANCE, 57KHz BANDPASS
FILTER (8th ORDER)
■ FILTER ADJUSTMENT FREE AND WITHOUT
EXTERNAL COMPONENTS
■ PURELY DIGITAL RDS DEMODULATION
WITHOUT EXTERNAL COMPONENTS
■ ARI (SK INDICATION) AND RDS SIGNAL
QUALITY OUTPUT
■ 4.332MHz CRYSTAL OSCILLATOR(8.664 and
17.328MHz OPTIONAL)
■ LOW NOISE CMOS TECHNOLOGY
■ LOW RADIATION
2
DESCRIPTION
The TDA7479 recovers the additional inaudible RDS
information which is transmitted by FM radio broad-
casting stations and operates in accordance with the
EBU (European Broadcasting Union) specifications.
The device is made up of two sections: a cascaded
antialiasing + switched capacitors 8th bandpass filter
for precise RDS band selection and a demodulating
section that performs the extraction od RDS data
stream (RDDA) and clock (RDCL), to be further pro-
cessed by a suitable RDS decoder.
Outputs for RDS signal quality and ARI indication are
also present.
SINGLE CHIP RDS DEMODULATOR + FILTER
Figure 2. Block Diagram
2nd ORDER
ANTIALIASING
FILTER
8th ORDER
SC-BANDPASS
FILTER
MPX
4
270pF
-
+
8
FILOUT
12
VS
3
VREF
100nF
10
µF
OSCILLATOR &
DIVIDER
57KHz PLL
FAST ARI
INDICATOR
POLARITY
BIPHASE DEC.
INTEGRAL
BIPHASE DEC.
1187.5Hz
PLL
MUX
0
1
DIFF. DECODER
TEST LOGIC
QUAL DET.
6
GND
11
EXTRES
14
13
5
9
16
7
1
D97AU751A
TM
10
RDDA
2
QUAL
ARI
RDCL
FSEL
OSEL
OSCOUT
OSCIN
4.332MHz
C2 47pF
C1 27pF
15
T57
Figure 1. Packages
Table 1. Order Codes
Part Number
Package
TDA7479D
SO16
TDA7479AD
TSSOP16
SO16
TSSOP16
Rev. 6


Similar Part No. - TDA7479

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7479 STMICROELECTRONICS-TDA7479 Datasheet
55Kb / 7P
SINGLE CHIP RDS DEMODULATOR FILTER
Feb-1998
TDA7479 STMICROELECTRONICS-TDA7479 Datasheet
127Kb / 12P
Single chip RDS demodulator filter
16-Sep-2013
TDA7479D STMICROELECTRONICS-TDA7479D Datasheet
55Kb / 7P
SINGLE CHIP RDS DEMODULATOR FILTER
Feb-1998
TDA7479DTR STMICROELECTRONICS-TDA7479DTR Datasheet
151Kb / 12P
Single chip RDS demodulator filter
04-Nov-2008
TDA7479 STMICROELECTRONICS-TDA7479_08 Datasheet
151Kb / 12P
Single chip RDS demodulator filter
04-Nov-2008
More results

Similar Description - TDA7479

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7330B STMICROELECTRONICS-TDA7330B Datasheet
114Kb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7331 STMICROELECTRONICS-TDA7331 Datasheet
56Kb / 7P
SINGLE CHIP RDS DEMODULATOR FILTER
Feb-1998
TDA7479 STMICROELECTRONICS-TDA7479 Datasheet
55Kb / 7P
SINGLE CHIP RDS DEMODULATOR FILTER
Feb-1998
logo
Sanyo Semicon Device
STK311-110 SANYO-STK311-110 Datasheet
149Kb / 5P
RDS Demodulator
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
RDS Demodulator
logo
STMicroelectronics
TDA7730B STMICROELECTRONICS-TDA7730B Datasheet
1Mb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7478 STMICROELECTRONICS-TDA7478 Datasheet
168Kb / 8P
SINGLE CHIP RDS DEMODULATOR
Rev. 2
TDA7478 STMICROELECTRONICS-TDA7478_11 Datasheet
151Kb / 11P
Single chip RDS demodulator
30-Jun-2011
TDA7479 STMICROELECTRONICS-TDA7479_08 Datasheet
151Kb / 12P
Single chip RDS demodulator filter
04-Nov-2008
TDA7479DTR STMICROELECTRONICS-TDA7479DTR Datasheet
151Kb / 12P
Single chip RDS demodulator filter
04-Nov-2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com