Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NE-SN-USB Datasheet(PDF) 4 Page - PATLITE CORPORATION.

Part # NE-SN-USB
Description  USB Controlled Multicolor Signal Beacon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NE-SN-USB Datasheet(HTML) 4 Page - PATLITE CORPORATION.

  NE-SN-USB Datasheet HTML 1Page - PATLITE CORPORATION. NE-SN-USB Datasheet HTML 2Page - PATLITE CORPORATION. NE-SN-USB Datasheet HTML 3Page - PATLITE CORPORATION. NE-SN-USB Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
[Outer Dimension Drawing]
[Installation Dimension Drawing]
Drawing No.
Rev.
Page
C
Mounting Hole
(2-Ø4.5)
Cable Exit Hole(Ø18)
Front side of product
Nameplate
positioning
Footprint
of product
[Unit: mm]
Recommended Torque
0.6 N m
2-point Mounting Hole (NE-WN-USB / NE-WT-USB)
[Unit: mm]
No.
Part Name
Material
1
Globe
PC
2
Case
PC
3
O-ring
Silicone Rubber
4
Waterproof sheet Silicone Rubber
5
Slip-proof sheet
Silicone Rubber
6
Protection sheet
PET
<NE-SN-USB / NE-ST-USB>
<NE-WN-USB / NE-WT-USB>
Screw Nut
M4(Maximum screw head diameter : Ø 8.5 )
4/4
NE-USB-W18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com