Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NE-ST-USB Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # NE-ST-USB
Description  USB Controlled Multicolor Signal Beacon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NE-ST-USB Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  NE-ST-USB Datasheet HTML 1Page - PATLITE CORPORATION. NE-ST-USB Datasheet HTML 2Page - PATLITE CORPORATION. NE-ST-USB Datasheet HTML 3Page - PATLITE CORPORATION. NE-ST-USB Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
[LED Control]
[Buzzer Control]
Buzzer Pattern ON
Specify one of 7 types of sound patterns to play the Buzzer.
Select either continuous operation or specified number of times (1-14).
One operation is one cycle.
No.1
No.5
No.7
London Bridge is Broken Down (Melody Sound)
No.6
Rapid Intermittent Beep (Call Sign)
Rapid Intermittent Beep (Low Urgency Alarm)
※
The sound complies with ISO 24501 (JIS S 0014).
Rapid Intermittent Beep (High Urgency Alarm)
※
The sound complies with ISO 24501 (JIS S 0014).
Twinkle Twinkle Little Star (Melody Sound)
Continuous Sound (Continuous)
No.2
No.3
No.4
No.5
Sweep Sound (Sweep Sound)
Item
Detail
LED OFF
Turns off the LED. This is the state immediately after power-on.
Buzzer OFF
Turns off the Buzzer. This is the state immediately after power-on.
LED Pattern ON
Specify one of 6 types of LED patterns to illuminate the LED.
Operation of LED patterns for one cycle is shown in the following timing charts.
Continuation LED ON
Turns the LED on, and keeps it on.
No.2
No.1
No.4
No.3
Item
Detail
Drawing No.
Rev.
Page
C
No.6
ON
(250ms)
OFF
(250ms)
ON
(250ms)
OFF
(250ms)
ON
(500ms)
OFF
(500ms)
ON
(80ms)
OFF
(170ms)
OFF
(670ms)
ON
(80ms)
ON
(100ms)
OFF
(400ms)
ON
(100ms)
OFF
(400ms)
Gradation
(500ms)
Gradation
(500ms)
ON
(120ms)
OFF
(880ms)
3/4
NE-USB-W18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com