Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-P9LR35-EM Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GW-P9LR35-EM
Description  DURIS® S 8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-P9LR35-EM Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GW-P9LR35-EM Datasheet HTML 2Page - ams-OSRAM AG GW-P9LR35-EM Datasheet HTML 3Page - ams-OSRAM AG GW-P9LR35-EM Datasheet HTML 4Page - ams-OSRAM AG GW-P9LR35-EM Datasheet HTML 5Page - ams-OSRAM AG GW-P9LR35-EM Datasheet HTML 6Page - ams-OSRAM AG GW-P9LR35-EM Datasheet HTML 7Page - ams-OSRAM AG GW-P9LR35-EM Datasheet HTML 8Page - ams-OSRAM AG GW-P9LR35-EM Datasheet HTML 9Page - ams-OSRAM AG GW-P9LR35-EM Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
GW P9LR35.EM
DATASHEET
DATASHEET
6 | Version 1.3 | 2023-04-05
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 180 mA
I
F = 180 mA
min.
max.
Φ
V
Φ
V
LS
140 lm
150 lm
L7
150 lm
160 lm
L8
160 lm
170 lm
L9
170 lm
180 lm
M1
180 lm
190 lm
M2
190 lm
200 lm
M3
200 lm
210 lm
M4
210 lm
220 lm
M5
220 lm
230 lm
M6
230 lm
240 lm
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
I
F = 180 mA
I
F = 180 mA
min.
max.
V
F
V
F
Z
5.20 V
5.40 V
A
5.40 V
5.60 V
B
5.60 V
5.80 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com