Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTL3VGAMF-10TZ Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CTL3VGAMF-10TZ
Description  THIN LINE LSZH VIDEO CABLE ASSY M/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CTL3VGAMF-10TZ Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CTL3VGAMF-10TZ Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
LENGTH
FEET [METERS]
CTL3VGAMF-5TZ
5.0 [1.52]
CTL3VGAMF-10TZ
10.0 [3.05]
CTL3VGAMF-15TZ
15.0 [4.57]
CTL3VGAMF-25TZ
25.0 [7.62]
CTL3VGAMF-50TZ
50.0 [15.24]
WIRING MAP
"J1"
"P1"
1
6
2
7
3
8
4
5
9
10
11
12
13
14
15
SHELL
SHELL
15
14
13
12
11
10
9
5
4
8
3
7
2
6
1
GRAY
PURPLE
BLUE
GREEN
YELLOW
ORANGE
RED
BROWN
BLACK
BLUE-GND
BLUE-IN
GREEN-GND
GREEN-IN
RED-GND
RED-IN
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
G
G
LSZH CABLE CHARACTERISTICS:
FLAME RATING: IEC 60332-1
CORROSIVE GAS: IEC 60754
SMOKE EMISSION: IEC 61034
15-PIN MALE
HIGH DENSITY
15-PIN FEMALE
D-SUB CONNECTOR
HIGH DENSITY
D-SUB CONNECTOR
"J1"
PIN 1
MOUNTING HARDWARE DETAIL
LSZH, BLACK
2X MOLDED HOOD,
NICKEL PLATED
KNURLED THUMBSCREW,
4X, 4-40 UNC-2A
THREE 75 OHM 32 AWG COAXIAL LINES,
NINE 30AWG COPPER CONDUCTORS,
JACKET: LOW SMOKE, ZERO HALOGEN, BLACK
LENGTH
°
ECN 10839; REVISE YELLOW COAX TO GREEN COAX,ADD LSZH CBL CHARACTERISTICS TO
MAY VARY
MAY OCCUR
07/14/2005
OVERALL CABLE LENGTH TOLERANCE:
A
B
C
D
SCALE:
SIZE
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
CAD FILE:
AUDIO/VIDEO
UNLESS OTHERWISE SPECIFIED,
D.PARHAM
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
CAGE CODE
G
APPROVED
7
8
5
1
1
M.LAHEY
08/10/2005
REVISIONS
6
UNDIMENSIONED FEATURES
ANGLES ± 1
4/18/13
CATEGORY
CTL3VGAMF-TZ
REV
DESCRIPTION
F
ECN 6807: REVISED L-COM LOGO'S, NEW FORMAT, REVISED PACKAGING
12/1/14
CTL3VGAMF-TZ.SLDDRW
M.BLACKWOOD
ECN 7693: CHG'D GREEN COAX TO YELLOW, FORMAT, ROHS
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
DWG, NEW FORMAT
12/10/2020
DATE
FRACTIONS
G
± 1/32
5
6
7
8
08/10/2005
PRODUCT DESCRIPTION
NONE
>12 [305] ≤60 [1524] = +2 [51] / -0
D.FRISIELLO
D.FRISIELLO
E
THIN LINE LSZH VIDEO CABLE ASSY M/F
DIMENSIONS ARE IN INCHES [mm]
>300 [7620] = +5% / -0
ALL OTHER DIMENSIONAL TOLERANCES:
50 High Street, West Mill,
>60 [1524] ≤120 [3048] = +4 [102] / -0
Phone: 1.800.341.5266
>120 [3048] ≤300 [7620] = +6 [152] / -0
North Andover, MA 01845 USA.
THIRD-ANGLE PROJECTION
T-Rev.D
CONFIGURATION DETAILS OF
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
1.978.682.6936
43321
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
"P1"
PIN 1
OF THE CONNECTOR.
THUMBSCREWS MAY BE REMOVED EASILY AND THE
HEX SCREW LOCKS MOUNTED IN THE CAPTIVE NUTS
SCALE 1 : 2
SECTION A-A
AND FOUR HEX SCREW LOCKS FOR OPTIONAL USE.
CABLES ARE SHIPPED WITH THUMBSCREWS INSTALLED
4-40 THREAD
X .120 DEEP
.010
A
A


Similar Part No. - CTL3VGAMF-10TZ

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CTL3VGAMF-10TZ L-COM-CTL3VGAMF-10TZ Datasheet
226Kb / 1P
THIN LINE LSZH VIDEO CABLE ASSY M/F
07/14/2005
CTL3VGAMF-10TZ L-COM-CTL3VGAMF-10TZ Datasheet
226Kb / 1P
THIN LINE LSZH VIDEO CABLE ASSY M/F
07/14/2005
CTL3VGAMF-10TZ L-COM-CTL3VGAMF-10TZ Datasheet
226Kb / 1P
THIN LINE LSZH VIDEO CABLE ASSY M/F
07/14/2005
CTL3VGAMF-10TZ L-COM-CTL3VGAMF-10TZ Datasheet
226Kb / 1P
THIN LINE LSZH VIDEO CABLE ASSY M/F
07/14/2005
More results

Similar Description - CTL3VGAMF-10TZ

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
CUMI4FWC WINCHESTER-CUMI4FWC Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY, UMI M/F CONNECTOR
CUMI11FWCFC WINCHESTER-CUMI11FWCFC Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY, UMI M/F CONNECTOR
CUMI14BFWC WINCHESTER-CUMI14BFWC Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY, UMI M/F CONNECTOR
CUMI14FD3SL1C WINCHESTER-CUMI14FD3SL1C Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY, UMI M/F CONNECTOR
CUMI14FK19C WINCHESTER-CUMI14FK19C Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY, UMI M/F CONNECTOR
CUMI20FWC WINCHESTER-CUMI20FWC Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY. UMI-M/F CONNECTOR
CUMI26FWC WINCHESTER-CUMI26FWC Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY. UMI-M/F CONNECTOR
CUMI29FD34996 WINCHESTER-CUMI29FD34996 Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY. UMI-M/F CONNECTOR
CUMI44FWC WINCHESTER-CUMI44FWC Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY. UMI-M/F CONNECTOR
CUMI9FSL3C WINCHESTER-CUMI9FSL3C Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY. UMI-M/F CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com