Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N2484UA Datasheet(PDF) 13 Page - STMicroelectronics

Part # 2N2484UA
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484UA Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 2N2484UA Datasheet HTML 9Page - STMicroelectronics 2N2484UA Datasheet HTML 10Page - STMicroelectronics 2N2484UA Datasheet HTML 11Page - STMicroelectronics 2N2484UA Datasheet HTML 12Page - STMicroelectronics 2N2484UA Datasheet HTML 13Page - STMicroelectronics 2N2484UA Datasheet HTML 14Page - STMicroelectronics 2N2484UA Datasheet HTML 15Page - STMicroelectronics 2N2484UA Datasheet HTML 16Page - STMicroelectronics 2N2484UA Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MIL-PRF-19500/376E
13
TABLE I. Group A inspection - Continued.
MIL-STD-750
Limit
Inspection 1/
Method
Conditions
Symbol
Min
Max
Unit
Subgroup 2 - continued.
Forward-current transfer ratio
3076
VCE = 5 V dc; IC = 10
µA dc
hFE2
200
500
Forward-current transfer ratio
3076
VCE = 5 V dc; IC = 100
µA dc
hFE3
225
675
Forward-current transfer ratio
3076
VCE = 5 V dc; IC = 500
µA dc
hFE4
250
800
Forward-current transfer ratio
3076
VCE = 5 V dc; IC = 1 mA dc
hFE5
250
800
Forward-current transfer ratio
3076
VCE = 5 V dc; IC = 10 mA dc
pulsed (see 4.5.1)
hFE6
225
800
Collector to emitter voltage
(saturated)
3071
IC = 1.0 mA dc; IB = 100
µA dc
VCE(sat)
0.3
V dc
Base emitter voltage
(nonsaturated)
3066
Test condition B; VCE = 5 V dc;
IC = 100
µA dc
VBE(ON)
0.5
0.7
V dc
Subgroup 3
High-temperature operation
TA = +150
°C
Collector to base cutoff current
3036
Bias condition D; VCB = 45 V dc
ICBO3
10
µA dc
Low-temperature operation
TA = -55
°C
Forward-current transfer ratio
3076
VCE = 5 V dc; IC = 10
µA dc
hFE7
35
Subgroup 4
Magnitude of common emitter
small-signal short-circuit
forward-current transfer ratio
3306
VCE = 5 V dc; IC = 50
µA dc;
f = 5 MHz
|hfe|1
3.0
Magnitude of common emitter
small-signal short-circuit
forward- current transfer ratio
3306
VCE = 5 V dc; IC = 500
µA dc;
f = 30 MHz
|hfe|2
2.0
7.0
Small-signal open-circuit
output admittance
3216
VCE = 5 V dc; IC = 1.0 mA dc;
f = 1 kHz
hoe
40
µmhos
Small-signal open- circuit
reverse-voltage transfer ratio
3211
VCE = 5 V dc; IC = 1.0 mA dc;
f = 1 kHz
hre
8.0 x
10
-4
Small-signal short- circuit input
impedance
3201
VCE = 5 V dc; IC = 1 mA dc;
f = 1 kHz
hie
3.5
24
k
Ω
See footnote at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com