Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SK106-RX-C433 Datasheet(PDF) 7 Page - NiceRF Wireless Technology Co., Ltd.

Part # SK106-RX-C433
Description  1W industrial Four Channels
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SK106-RX-C433 Datasheet(HTML) 7 Page - NiceRF Wireless Technology Co., Ltd.

Back Button SK106-RX-C433 Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C433 Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C433 Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C433 Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C433 Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C433 Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C433 Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C433 Datasheet HTML 10Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C433 Datasheet HTML 11Page - NiceRF Wireless Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.nicerf.com
SK106
NiceRF Wireless Technology Co., Ltd.
Rev 1.5
ales@nicerf.com
7
7. DIP Definition
Dip switch Settings (valid when power on again
1)DIP7~DIP8 ——Normal working mode selection
DIP7 ON and DIP8 ON:Timing mode(30Hz)
DIP7 ON and DIP8 OFF:Timing mode(10Hz)
DIP7 OFF and DIP8 ON:Real-time mode
DIP7 OFF and DIP8 OFF:Real-time mode+4second Timinig Mode
2)DIP5~DIP6——Communication ID
SK106-Tx and SK106-Rx can talk with each other only when both ID are same.
3)DIP1~DIP4—— Working frequency channel selection
Total 16 channels(default channel interval: 0.5M), frequency is configurable through PC software / UART
Command. Relationship between DIP switch and working frequency channel:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com