Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SK106-RX-C470 Datasheet(PDF) 13 Page - NiceRF Wireless Technology Co., Ltd.

Part # SK106-RX-C470
Description  1W industrial Four Channels
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SK106-RX-C470 Datasheet(HTML) 13 Page - NiceRF Wireless Technology Co., Ltd.

Back Button SK106-RX-C470 Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 10Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 11Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 12Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 13Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 14Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 15Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 16Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 17Page - NiceRF Wireless Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.nicerf.com
SK106
NiceRF Wireless Technology Co., Ltd.
Rev 1.5
ales@nicerf.com
13
2
VCC
VCC
Connect to positive power
3
IN1
A_OUT1
Ch1 input, internal pull up
Ch1 analog output
4
GND
GND
5
IN2
A_OUT2
Ch1 input, internal pull up
Ch2 analog output
6
GND
GND
7
IN3
A_OUT3
Ch1 input, internal pull up
Ch3 analog output
8
GND
GND
9
IN4
A_OUT4
Ch1 input, internal pull up
Ch4 analog output
10
GND
GND
11
485_A
485_A
485 Interface A
12
485_B
485_B
485 Interface B
13
GND
OUT1
Ch1 analog input
Ch1 relay control output
14
A_IN1
15
GND
OUT2
Ch2 analog input
Ch2 relay control output
16
A_IN2
17
GND
OUT3
Ch3 analog input
Ch3 relay control output
18
A_IN3
19
GND
OUT4
Ch4 analog input
Ch4 relay control output
20
A_IN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com