Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SK106-RX-C868 Datasheet(PDF) 5 Page - NiceRF Wireless Technology Co., Ltd.

Part # SK106-RX-C868
Description  1W industrial Four Channels
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SK106-RX-C868 Datasheet(HTML) 5 Page - NiceRF Wireless Technology Co., Ltd.

  SK106-RX-C868 Datasheet HTML 1Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C868 Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C868 Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C868 Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C868 Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C868 Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C868 Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C868 Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C868 Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.nicerf.com
SK106
NiceRF Wireless Technology Co., Ltd.
Rev 1.5
ales@nicerf.com
5
5.
Electrical Characteristics
Note: Below parameters base on 12V power supply/ 25℃ testing environment.
SK106-TX:
Parameters
Min
Typ.
Max.
Unit
Condition
Working condition
Voltage range
10
12
30
V
Working temperature range:
-40
25
85
℃
Current consumption
Rx current
< 50
mA
Tx current
< 350
mA
RF parameters
Output power
> 30
31
32
dBm
@433MHz,470MHz
27
dBm
@868MHz,915MHz
Sensitivity
< -132
dBm
SK106-RX:
Parameters
Min
Typ.
Max.
Unit
Condition
Working condition
Voltage range
10
12
30
V
Working temperature range:
-40
25
85
℃
Current consumption
Rx current
< 40
mA
Parameters
Voltage rang
433MHz/470MHz/868MHz/915MHz
Analog channel(4~20mA) 4AI(SK106-TX)、4AO(SK106-RX)
Switch channel
4DI(SK106-TX)、4DO(SK106-RX)
Analog input/Output range
Current: 0-20mA
Distinguish
12Bit
Accuracy
±0.1%
Configration interface
RS-485
Channel
Standard 16 channel, the user can use Dip Switch to change the
channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com